Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
41 of 47
Using the ADA4352-2 LTspice Model
Figure 83 shows the available LTspice model for the ADA4352-2 used to generate many of the parametric and Monte
Carlo curves shown in this applications section.
Figure 83. ADA4352-2 LTspice Model Setup for the Swept CD Curves Using the 315 Ω Gain Setting
The example simulation of Figure 83 is set up for a stepped CD plot similar to that in Figure 79 using the lowest gain
setting of 315 Ω. Consider these configurations in any application simulation:
1. Set the PGTIA power supplies, AVDD = 5 V and AVSS = ground, here for single supply operation.
2. Set the DC bias on the +IN pin. This must be at least 0.1 V higher than AVSS and 1.5 V below AVDD for proper
operation. Here, a 0.5 V bias is used. The polarity of the diode current (I1) guarantees that the output only
increases from that 0.5 V level.
3. Set values for desired photodiode equivalent model parameters, such as source capacitance (C2 here) at
desired reverse bias voltage, and parasitic shunt resistance (not shown in Figure 83) at the maximum
intended operating temperature.
4. The digital switch control inputs, SW SEL0 and SW SEL1, must be set for the desired gain setting, as
detailed in Figure 83. Usually, these control voltages are set to either 0 V at DVSS for a logic 0 or to the
digital supply voltage DVDD (V3 here) for a logic 1.
5.
There is usually an external RC filter after the PGTIA output to the SAR ADC. The values here come from the
16-bit 1 MSPS SAR AD4696 data sheet.
Error Budget
The input offset error of the ADA4352-2 is constant across all gain settings because TIA noise gain is approximately
1 for all gain ranges. This simplifies the error budget because most DC error terms due to the PGTIA are combined
in Output Offset Voltage (VOS,OUT). This term is a result of three components: the switch off leakage current (IOFF),
input bias current of the inverting input, and offset voltage of the core amplifier. The only other source of error is
the effect of noninverting input bias current flowing through the source impedance at the noninverting input.
The following equation shows the “Total Output DC Offset Error” at room temperature.
OUT
R2
200Ω
C1
180pF
V4
0
V5
0
V3
3.3
PGTIAOUT
SWSEL0
SWSEL1
DIGITAL
SUPPLY
SWITCH SETTINGS
SWSEL0 = 0, SWSEL1 = 0 RF0 = 315Ω
SWSEL0 = 1, SWSEL1 = 0 RF1 = 3500Ω
SWSEL0 = 0, SWSEL1 = 1, RF2 = 40.2kΩ
SWSEL0 = 1, SWSEL1 = 1, RF3 = 450kΩ
4.4MHz LOW PASS FILTER
ADCIN
DVDD
DVSS
SW SEL0
SW SEL1
–IN
I1
+IN
AVDD
VDD
5
VSS
0
X1
AVSS
ada4352_gb
C2
{Cd}
.step param Cd 5p 45p 5p
.ac dec 50 10k 10M
0
AC 1
VBIAS
0.5
7pF
2.5pF
33pF
26.5pF
RF2 = 40.2kΩ
RF3 = 450kΩ
RF0 = 315Ω
RF1 = 3.5kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com