Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 45 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 47Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
45 of 47
Figure 86. Comparison in Footprint Size for a Similar Discrete Solution, ADA4351-2, and ADA4352-2
–IIN A
V
CM
+IN A
−IN A
+IN B
−IN B
–IIN B
VOUTA
VOUTA
VOUTB
SW SEL0 A
SW SEL1 A
SW SEL1 B
SW SEL0 B
ADA4352-2
GAIN RESISTOR
NETWORK
GAIN RESISTOR
NETWORK
KELVIN
SWITCH
NETWORK
KELVIN
SWITCH
NETWORK
+
+
+
–IIN A
V
CM
V
CM
+IN A
−IN A
+IN B
−IN B
–IIN B
VOUTB
DVDD
SW SEL A
SW SEL B
DVDSS
ADA4351-2
INTERNAL
CCOMP
CF
CF
CF
+
INTERNAL
CCOMP
CF
177.7mm2
55.6mm2
31% vs. DISCRETE SIZE
15.3mm2
8.6% vs. DISCRETE SIZE
VOUTA
RA1
RA0
RB1
RB0
RA1
RA0
RB1
RB0
IINA
IIN
A
VOUTB
DISCRETE
ADA4351-2
ADA4352-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com