Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 39 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
39 of 47
Figure 79.
Simulated (Left) and Worst Case (Right) Frequency Response After External Filter for Various CD Values,
RF0 = 315 Ω.
Adding an RC filter at the output pin of the PGTIA with a roll off at 4.4 MHz results in the family of curves shown in
Figure 79. As CD increases, the increasing gain peaking of the PGTIA output nudges the gain upwards at frequencies
beyond the 4.4 MHz single pole roll off, causing an apparent bandwidth extension after the external filter.
For all gain settings higher than RF0 = 315 Ω, varying CD does not cause peaking in the frequency responses, as they
are much more bandlimited to begin with. The external RC filter simply bandlimits the ADC input and slightly
reduces integrated noise.
Figure 80.
Simulated Frequency Response for Various CD Values, RF1 = 3.5 kΩ
The next higher gain, the RF1 = 3.5 kΩ, CF1 = 26.5 pF nominal internal feedback setting, results in this family of
response curves (Figure 80) at the PGTIA output. Here, the F−3dB is increasing as the CD is changed from 5 pF to 25 pF,
and finally to 45 pF. This results from the frequency response poles moving from a simple 2-real pole response to a
higher quality factor (Q) 2nd order response, while remaining clustered around 2 MHz. Refer to the “TIA Design
Theory” in the ADA4351-2 data sheet for a more in-depth discussion of the TIA 2nd order frequency response,
including how Q and fo set the frequency response shape.
REXT = 200 Ω
CEXT = 180pF
FREQUENCY (Hz)
10k
100k
1M
10M
100M
40
45
50
55
CD = 5pF
CD = 25pF
CD = 45pF
REXT = 200 Ω
CEXT = 180pF
CD = 45pF
FREQUENCY (Hz)
10k
100k
1M
10M
100M
40
45
50
55
72
71
70
69
68
67
66
CD = 5pF
CD = 25pF
CD = 45pF
65
64
63
62
10k
100k
1M
FREQUENCY (Hz)
10M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com