Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
26 of 47
Figure 59. Switching Between RF3 and RF2,
AVDD = +4.9V, AVSS = -0.1V
Figure 60. Switching Between RF3 and RF2,
AVDD = +2.5V, AVSS = -2.5V
Figure 61. Switching Between RF2 and RF1,
AVDD = +4.9V, AVSS = -0.1V
Figure 62. Switching Between RF2 and RF1,
AVDD = +2.5V, AVSS = -2.5V
Figure 63. Switching Between RF1 and RF0,
AVDD = +4.9V, AVSS = -0.1V
Figure 64. Switching Between RF1 and RF0,
AVDD = +2.5V, AVSS = -2.5V
SW SEL1 = HIGH
AVDD = +4.9V, AVSS = –0.1V
OUTPUT
SW SEL0
TIME (4µs/DIV)
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
SW SEL1 = HIGH
AVDD = +2.5V, AVSS = –2.5V
OUTPUT
SW SEL0
TIME (4µs/DIV)
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
AVDD = +4.9V, AVSS = –0.1V
OUTPUT
SW SEL0
SW SEL1
TIME (1µs/DIV)
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
AVDD = +2.5V, AVSS = –2.5V
OUTPUT
SW SEL0
SW SEL1
TIME (1µs/DIV)
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
SW SEL1 = LOW
AVDD = +4.9V, AVSS = –0.1V
OUTPUT
SW SEL0
TIME (1µs/DIV)
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
SW SEL1 = LOW
AVDD = +2.5V, AVSS = –2.5V
OUTPUT
SW SEL0
TIME (1µs/DIV)
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com