Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4352-2ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
Data Sheet
ADA4352-2
Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier
(PGTIA) with Integrated Gain Resistors
Rev. 0; 10/24
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 -2356, U.S.A.
Tel: 781.329.47 00
©2024 Analog Devices, Inc. Al l rights rese rve d.
FEATURES
Small, dual-channel, complete PGTIA and AFE
solution.
Small size package: 16-lead LFCSP, 3 mm × 3 mm.
Four integrated internal gain resistors (RF) per
channel:
Range 0, internal RF0 = 315 Ω
Range 1, internal RF1 = 3.5 kΩ
Range 2, internal RF2 = 40.2 kΩ
Range 3, internal RF3 = 450 kΩ
Wide input current dynamic ranges from 100
picoamps to milliamps.
Excellent DC precision:
Low offset voltage RTI: ±100 μV maximum, 25°C.
Low input offset voltage drift: ±1.0 μV/°C
maximum, −40°C to +125°C.
Low switch integrated switch impedance 19 Ω
maximum, −40°C to +125°C.
Excellent dynamic performance:
Range 0 settling time 1 µs
Range 1 settling time 2 µs
Range 2 settling time 5 µs
Range 3 settling time 10 µs
Kelvin-connected architecture eliminates gain error
due to switch on-resistance over temperature.
Single-supply operation: +2.7 V to +5.5 V (dual-
supply operation: ±1.85 V to ±2.75 V).
Wide gain bandwidth product: 8.5 MHz.
Wide operating temperature range: −40°C to +125°C.
APPLICATIONS
Precision current to voltage (I to V) conversion
Programmable gain TIAs
Photodetector interface and amplification
Optical networking equipment
Optical power measurement
Instrumentation (spectroscopy and
chromatography)
GENERAL DESCRIPTION
The ADA4352-2 is a compact, monolithic, dual-channel,
precision, programmable gain transimpedance
amplifier (PGTIA). The ADA4352-2 is a breakthrough
solution to precisely measure small currents over a
wide dynamic range. The precision of the ADA4352-2
over a wide temperature range of −40°C to +125°C
allows one calibration of the end equipment at room
temperature, thereby saving test time and cost. The
ADA4352-2 integrates four current-to-voltage gain
selections per channel, and the gain is programmable
using two logic pins per channel to provide a flexible,
fully functional compact PGTIA solution. Additionally,
with its robust output stage and low noise, the
ADA4352-2 can directly drive 16-bit precision analog-to-
digital converters (ADCs) such as the AD4696, providing
a complete analog front-end (AFE) to address the most
challenging wide dynamic range current measurement
applications.
The ADA4352-2 is offered in a 3 mm × 3 mm LFCSP,
reducing the printed circuit board (PCB) area by up to
ten times relative to a discrete design using standalone
operational amplifiers (op amps) and switches.
Figure 1. PGTIA Maximum Error vs. Temperature
TEMPERATURE (°C)
25
0
1000
2000
3000
4000
5000
45
65
85
105
125
RF = 450kΩ
AVDD = +5V
AVSS = –0.5V
+IN = 0V
ADA4351-2
ADA4352-2
LEADING DISCRETE SOLUTION


Similar Part No. - ADA4352-2ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4350 AD-ADA4350 Datasheet
799Kb / 38P
FET Input Analog Front End with ADC Driver
Rev. B
ADA4350ARUZ AD-ADA4350ARUZ Datasheet
799Kb / 38P
FET Input Analog Front End with ADC Driver
Rev. B
ADA4350ARUZ-R7 AD-ADA4350ARUZ-R7 Datasheet
799Kb / 38P
FET Input Analog Front End with ADC Driver
Rev. B
ADA4351-2 AD-ADA4351-2 Datasheet
4Mb / 36P
Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
Rev. 0
ADA4351-2ACPZ AD-ADA4351-2ACPZ Datasheet
4Mb / 36P
Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
Rev. 0
More results

Similar Description - ADA4352-2ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO164 BURR-BROWN-ISO164 Datasheet
194Kb / 8P
Precision, Isolated PROGRAMMABLE GAIN AMPLIFIER
logo
List of Unclassifed Man...
MTI04BS ETC1-MTI04BS Datasheet
271Kb / 10P
MULTI-CHANNEL PROGRAMMABLE GAIN TRANSIMPEDANCE AMPLIFIER
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
Programmable Gain Amplifier
07/2008
logo
Texas Instruments
LMH32401 TI1-LMH32401 Datasheet
1Mb / 28P
LMH32401 500-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
OPA3S2859-EP TI-OPA3S2859-EP Datasheet
1Mb / 28P
Enhanced Product, Dual-Channel, 900-MHz, 2.5-nV/?숰z, Programmable Gain Transimpedance Amplifier
logo
Analog Devices
AD8271 AD-AD8271 Datasheet
381Kb / 20P
Programmable Gain Precision Difference Amplifier
Rev. 0
logo
Texas Instruments
OPA3S2859 TI-OPA3S2859 Datasheet
2Mb / 33P
OPA3S2859 Dual-Channel, 900-MHz, 2.2-nV/?숰z, Programmable Gain Transimpedance Amplifier
MAY 2022
OPA3S2859 TI-OPA3S2859_V01 Datasheet
2Mb / 34P
OPA3S2859 Dual-Channel, 900-MHz, 2.2-nV/√Hz, Programmable Gain Transimpedance Amplifier
REVISED AUGUST 2022
LMH32401 TI-LMH32401_V01 Datasheet
2Mb / 40P
LMH32401 450-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
REVISED AUGUST 2022
logo
Analog Devices
ADA4351-2 AD-ADA4351-2 Datasheet
4Mb / 36P
Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA)
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com