Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
15 of 47
PARAMETER
RATING
Temperature Junction, TJ
150°C
Temperature Case, TC
260°C
.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These
are stress ratings only, functional operation of the product at these or any other conditions above those indicated
in the operational section of this specification is not implied. Operation beyond the maximum operating conditions
for extended periods may affect product reliability.
Thermal Resistance
Thermal performance is directly linked to PCB design and operating environment. Close attention to PCB thermal
design is required.
θJA is the natural convection junction-to-ambient thermal resistance measured in a one cubic foot sealed
enclosure.
Thermal Resistance
Package Type
ӨJA
Unit
CP-16-32
91
°C/W
Maximum Power Dissipation
The maximum safe power dissipation for the ADA4352-2 is limited by the associated rise in TJ on the die. At
approximately 150°C, which is the glass transition temperature, the properties of the plastic change. Even
temporarily exceeding this temperature limit may change the stresses the package exerts on the die, permanently
shifting the parametric performance of the ADA4352-2. Exceeding a TJ of 175°C for an extended period can result in
changes in the silicon devices, potentially causing degradation or loss of functionality.
The power dissipated in the package is the sum of the quiescent power dissipation and the power dissipated in the
die due to the output load drive of the amplifier.
Figure 3. Output Current Derating Curve
MAXIMUM CURRENT (mA)
TEMPERATURE (°C)
25
0
20
40
60
80
100
120
50
75
100
125
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com