Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADA4352-2ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
5 of 47
SPECIFICATIONS
Table 1. Electrical Characteristics 5V Specifications
(TA = +25°C, AVDD = 2.5 V, AVSS = −2.5 V, DVDD = 3 V, DVSS = 0 V, load resistance (RL) = open, +IN = 0 V, unless
otherwise noted. These default AVDD, AVSS, and +IN conditions are equivalent to a single supply configuration
with +IN biased to mid supplies.)
PARAMETER
SYMBOL
CONDITIONS
COMMENTS
MIN
TYP
MAX
UNITS
TEST
LEVELS
DC PARAMETERS
Input Offset
Voltage
VOS,RTI
TA = +25°C
±20
±100
μV
P
Input Offset
Voltage Drift
ΔVOS,RTI /ΔT
0°C < TA <
+85°C
±0.15
±0.8
μV
CB
Input Offset
Voltage Drift
ΔVOS,RTI /ΔT
−40°C < TA <
+125°C
±0.16
±1.0
µV/°C
CB
Output Offset
Voltage
ΔVOS,OUT
TA = +25°C
RF0= 315 Ω
±25
±130
μV
P
RF1= 3.5 kΩ
±25
±130
μV
P
RF2= 40.2 kΩ
±25
±130
μV
P
RF3= 450 kΩ
±25
±150
μV
P
Output Offset
Voltage Drift
VOS,OUT /ΔT
−40°C < TA <
+125°C
RF0= 315 Ω
±0.1
±1.1
µV/°C
CT
RF1= 3.5 kΩ
±0.2
±1.1
µV/°C
CT
RF2= 40.2 kΩ
±0.3
±1.2
µV/°C
CT
RF3= 450 kΩ
±0.4
±1.2
µV/°C
CT
Internal
Feedback
Resistance
RFX
TA = +25°C
RF0= 315 Ω
0.28
0.315
0.35
P
RF1= 3.5 kΩ
3.15
3.5
3.9
P
RF2= 40.2 kΩ
36
40.2
45
P
RF3= 450 kΩ
400
450
500
P
Internal
Feedback
Resistance
Drift2
ΔRFX/ΔT
−40°C < TA <
+125°C
RF0= 315 Ω
32
47
ppm/°C
CT
RF1= 3.5 kΩ
14
32
ppm/°C
CT
RF2= 40.2 kΩ
14
29
ppm/°C
CT
RF3= 450 kΩ
8
25
ppm/°C
CT
Open-Loop
Voltage Gain2
AVOL
VOUT = -2.4 V to
2.4 V, TA =
+25°C
RF2= 40.2 kΩ
95
120
dB
P
VOUT = -2.4 V to
2.4 V, −40°C <
TA < +125°C
RF2= 40.2 kΩ
103
dB
CT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com