Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
29 of 47
PGTIA ERRORS
PGTIA Measurements
The ADA4352-2 is designed for wide dynamic range transimpedance measurements with four internal gain resistors
of 315 Ω, 3.5 kΩ, 40.2 kΩ, and 450 kΩ. Additionally, each gain is internally compensated with feedback capacitors of
33 pF, 26.5 pF, 7 pF, and 2.5 pF, respectively. The dominant DC error sources will vary depending on the selected
PGTIA gain. When the TIA gain is set to 315 Ω, the majority of the DC error is caused by input offset voltage, while
when TIA gain is set to 450 kΩ, the error is dominated by input bias currents and switch off leakage currents.
The PGTIA circuit (see Figure 68) models a photodiode input as a parallel current source (IIN), resistor (RSH), and
capacitor (CD) at the inverting input of a closed-loop op amp. Through negative feedback, a virtual reference
voltage (VCM) is maintained at the inverting input terminal of the PGTIA. This potential sets the bias voltage for one
terminal of the photodiode and allows all the source current to flow through the feedback resistor. Ideally, only
signal current from the sensor must flow through the selected gain resistor of the PGTIA. The ideal transfer function
of the PGTIA is given by the following equation.
VOUT = Diode current (IIN) × RFx + VCM
where, RFx is one of RF0, RF1, RF2, or RF3.
In some cases, large photodiode reverse bias voltage (−VB) and/or elevated temperatures result in photodiode DC
dark current (IDARK), which can be considered both a DC error and current noise source in a photodiode model.
Figure 68. PGTIA Circuit
Input Offset Voltage
The input offset voltage of the amplifier in a PGTIA adds an output DC error (and drift) that is approximately the
same for all gain settings. The error at the output of the PGTIA due to the input offset is gained up by the (DC) noise
gain of the amplifier (see Figure 68).
Noise gain for a typical PGTIA is given by the following equation.
Noise gain = (1 + RFX/RSH)
where, RSH is any shunt resistance in the photodiode model.
ADA4352-2
GAIN RESISTOR NETWORK
KELVIN
SWITCH
NETWORK
OUT
–VB
½
VCM
CD
RSH
IIN
PHOTODIODE
=
RF2 = 40.2kΩ
RF3 = 450kΩ
RF0 = 315Ω
RF1 = 3.5kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com