Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
22 of 47
Figure 35. Noninverting Input Bias Current vs. Common-
Mode Voltage, AVDD = +2.5 V, AVSS = −2.5 V
Figure 36. Noninverting Input Bias Current vs. Common-
Mode Voltage, AVDD = +1.5 V, AVSS = −1.5 V
Figure 37. Open-Loop Gain and Phase vs. Frequency at
Various Supplies
Figure 38. Open-Loop Gain and Phase vs. Frequency at
Various Temperatures
Figure 39. Closed-Loop Gain vs. Frequency at Various
Supplies
Figure 40. Total Harmonic Distortion vs. Frequency,
AVDD = +2.5 V, AVSS = −2.5 V
AVDD = +2.5V, AVSS = –2.5V
IB+ TA = –40°C
IB+ TA = +25°C
IB+ TA = +85°C
IB+ TA = +105°C
IB+ TA = +125°C
COMMON-MODE VOLTAGE (V)
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
–100
–75
–50
–25
0
25
50
75
100
125
150
175
200
AVDD = +1.5V, AVSS = –1.5V
IB+ TA = –40°C
IB+ TA = +25°C
IB+ TA = +85°C
IB+ TA = +105°C
IB+ TA = +125°C
COMMON-MODE VOLTAGE (V)
–1.50
–1.25
–1
–0.75
–0.50
–0.25
0
–80
–70
–60
–50
–40
–30
–20
–10
0
10
TA = 25°C
FREQUENCY (Hz)
0.001 0.01 0.1
1
10
100
1k
10k 100k 1M 10M 100M
–20
0
20
40
60
80
100
120
140
160
180
–225
–180
–135
–90
–45
0
AVDD = +2.5V, AVSS = –2.5V
GAIN TA = –40°C
PHASE TA = –40°C
GAIN TA = +25°C
PHASE TA = +25°C
GAIN TA = +125°C
PHASE TA = +125°C
FREQUENCY (Hz)
0.001 0.01 0.1
1
10
100
1k
10k 100k 1M 10M 100M
–20
0
20
40
60
80
100
120
140
160
180
–225
–180
–135
–90
–45
0
RF3 = 450kΩ
RF2 = 40.2kΩ
RF1 = 3.5kΩ
RF0 = 315Ω
TA = 25°C
AVDD = +2.5V, AVSS = –2.5V
AVDD = +4.9V, AVSS = –0.1V
AVDD = +1.5V, AVSS = –1.5V
AVDD = +2.9V, AVSS = –0.1V
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100M
1
10
100
1k
10k
100k
1M
AVDD = +2.5V, AVSS = –2.5V
VOUT = 1 VRMS
G = –1
NO LOAD
RF0 = 315Ω
RF1 = 3.5kΩ
RF2 = 40.2kΩ
RF3 = 450kΩ
FREQUENCY (Hz)
20
100
1k
10k
20k
0.00001
0.0001
0.001
0.01
–140
–120
–100
–80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com