Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 44 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 47Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
44 of 47
To minimize picking up stray high frequency signals on the same board, other signal traces must be routed well
away from the TIA’s signal path, and there must be no internal power planes under the high impedance node. The
best defense from coupling signals is shielding; however, this increases capacitance in the area, which impacts the
noise gain of the PGTIA. Another method to decouple signals is distance, which includes vertical layers of the PCB
as well as on the surface of the PCB. The package of the ADA4352-2 simplifies board layout because there is no
exposed pad (EPAD) on the back side of the package, eliminating the need for vias and allowing routing on all
layers of the PCB beneath the device.
In cases where the space is limited, it is recommended to cut slots in the PCB around the high impedance input
nodes to provide additional isolation and to reduce the impact of contamination on the surface of the PCB.
Figure 85. Example PCB Layout for Low Surface Leakage
Board Space Saving Compared to Equivalent Discrete Solution
Due to its integrated switches and resistors, ADA4352-2 uses 8.6% of the board area of a similar discrete solution
with separate resistors and switches. In the layout comparison in Figure 86, ADA4352-2 provides 4 gain settings per
channel, while the other two solutions only provide 2 per channel.
–IN A
+IN A
+IN B
–IN B
SW SEL0 A
SW SEL1 A
SW SEL1 B
SW SEL0 B
ADA4352-2
TOP VIEW
(Not to Scale)
VBIAS
PHOTODIODE
CHANNEL A
PHOTODIODE
CHANNEL B
VBIAS
VCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com