Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
36 of 47
APPLICATIONS INFORMATION
RC Tolerancing
The ADA4352-2’s internal RFXand CFX values come with the typical tolerancing for IC elements. The RFX values have
their nominal ±11% tolerance, while their associated CFX values are specified with ±20% tolerance. The RFX variation
is normally calibrated out to correct each of the gain slopes. The CFXvariation modifies the TIA frequency response
and changes the pulse responses at the TIA output (VOUT). Table 9 summarizes the specified RFX and CFXranges, and
the resulting feedback pole (P1) range.
Table 9. Specified RFXand CFX Tolerancing Ranges and Feedback Pole, P1
Nom RFX
Min RFX
Max RFX
Nom CFX
Min CFX
Max CFX
Max P1
Nom P1
Min P1
kΩ
kΩ
kΩ
pF
pF
pF
MHz
MHz
MHz
0.315
0.28
0.35
33
26.4
39.6
21.5
15.3
11.5
3.5
3.1
3.9
26.5
21.2
31.8
2.4
1.7
1.3
40.2
36
45
7
5.6
8.4
0.8
0.57
0.4
450.0
400.5
499.5
2.5
2
3
0.2
0.14
0.11
where, ������1 =
1
2������ × ������������������ × ������������������
All these RFX selections have the same range of variation that can be calibrated out. The biggest impact of this RFX,
CFX tolerancing is for RF0 = 315 Ω, where the response shows peaking even with a relatively small assumed diode
source capacitance (CD) of 10 pF at the ADA4352-2’s input.
Adding an external RC filter of REXT = 200 Ω and CEXT = 180 pF at the TIA output, using 1% tolerance resistors and 2%
tolerance capacitors, significantly reduces peaking in the frequency response when using RF0 = 315 Ω. The F−3dB
frequencies of the higher gains RF1 to RF3 are already well below the external RC filter cutoff frequency. So, they are
not impacted by the external RC filter.
The Monte Carlo plot of Figure 75 shows both the ADA4352-2’s response variation due to internal tolerances of RF0 =
315 Ω and CF0 = 33 pF, and the subsequent improvement in peaking due to adding the external RC filter. Note that
the ADA4352-2 LTspice model that produces the plot of Figure 75 is configured with only the nominal internal
RFX||CFX values.
Figure 75. Monte Carlo of PGTIA Frequency Response for RF0 = 315Ω Nominal without (Black) and with External RC Filter
(Blue) with CD = 10 pF
55
50
45
40
10k
100k
1M
FREQUENCY (Hz)
10M
100M
CD = 10pF
REXT = 200Ω
CEXT = 180pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com