Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
18 of 47
Figure 11. Input Offset Voltage Drift Distribution,
AVDD = +1.5 V, AVSS = −1.5 V
Figure 12. Input Offset Voltage Drift Distribution,
AVDD = +2.9 V, AVSS = −0.1 V
Figure 13. Output Offset Voltage Distribution,
AVDD = +2.5 V, AVSS = −2.5 V
Figure 14. Output Offset Voltage Distribution,
AVDD = +4.9 V, AVSS = −0.1 V
Figure 15. Output Offset Voltage Drift Distribution,
AVDD = +2.5 V, AVSS = −2.5 V
Figure 16. Output Offset Voltage Drift Distribution,
AVDD = +4.9 V, AVSS = −0.1 V
–0.7 –0.6 –0.5 –0.4 –0.3 –0.2 –0.1 0
0.1 0.2 0.3 0.4 0.5 0.6
30
25
20
15
10
5
0
OFFSET VOLTAGE DRIFT (µV/°C)
–40°C ≤ TA ≤ +85°C
–40°C ≤ TA ≤ +105°C
–40°C ≤ TA ≤ +125°C
0°C ≤ TA ≤ +85°C
AVDD = +1.5V, AVSS = –1.5V
240 CHANNELS
25
20
15
10
5
0
OFFSET VOLTAGE DRIFT (µV/°C)
–40°C ≤ TA ≤ +85°C
–40°C ≤ TA ≤ +105°C
–40°C ≤ TA ≤ +125°C
0°C ≤ TA ≤ +85°C
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
AVDD = +2.9V, AVSS = –0.1V
240 CHANNELS
0
5
10
15
20
25
30
OUTPUT OFFSET VOLTAGE (µV)
RF3 = 450kΩ
RF2 = 40.2kΩ
RF1 = 3.5kΩ
RF0 = 315Ω
AVDD = +2.5V,
AVSS = –2.5V
240 CHANNELS
TA = 25°C
–100 –80
–60
–40
–20
20
40
60
0
100
80
0
2
4
6
8
10
12
OUTPUT OFFSET VOLTAGE (µV)
AVDD = +4.9V,
AVSS = –0.1V
240 CHANNELS
TA = 25°C
RF3 = 450kΩ
RF2 = 40.2kΩ
RF1 = 3.5kΩ
RF0 = 315Ω
–200 –160 –120
–80
–40
40
80
120
0
200
160
0
5
10
15
20
25
30
OUTPUT OFFSET VOLTAGE DRIFT (µV/°C)
AVDD = +2.5V,
AVSS = –2.5V
240 CHANNELS
–40°C < TA < +125°C
RF3 = 450kΩ
RF2 = 40.2kΩ
RF1 = 3.5kΩ
RF0 = 315Ω
–0.9
–0.7
–0.5
–0.3
–0.1
0.1
0.3
0.5
0
0.9
0.7
0
5
10
15
20
25
OUTPUT OFFSET VOLTAGE DRIFT (µV/°C)
–2.0–1.8–1.6–1.4–1.2–1.0
1.0
–0.8
0.8
–0.6
0.6
–0.4
0.4
–0.2
0.2
0
AVDD = +4.9V,
AVSS = –0.1V
240 CHANNELS
–40°C < TA < +125°C
RF3 = 450kΩ
RF2 = 40.2kΩ
RF1 = 3.5kΩ
RF0 = 315Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com