Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 46 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 47Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
46 of 47
OUTLINE DIMENSIONS
ORDERING GUIDE
Table 11. Ordering Guide
Model
Temperature Range
Package Description
Packaging
Quantity
Package Option
Marking Code
ADA4352-2ACPZ
−40°C to +125°C
16-Lead LFCSP
Tray, 714
CP-16-32
A4Q
ADA4352-2ACPZ-R7
−40°C to +125°C
16-Lead LFCSP
Reel, 1500
CP-16-32
A4Q
ADA4352-2ACPZ-RL
−40°C to +125°C
16-Lead LFCSP
Reel, 5000
CP-16-32
A4Q
EVALUATION BOARD
Table 12. Evaluation Board
Model
Description
EVAL-ADA4352-2EBZ
Evaluation Board
COMPLIANT TO JEDEC STANDARDS MO-220-WEED.
3.10
3.00 SQ
2.90
0.30
0.25
0.20
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
0.50
0.40
0.30
SEATING
PLANE
0.05 MAX
0.02 NOM
0.152 REF
COPLANARITY
0.08
PIN 1
INDICATOR
0.80
0.75
0.70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com