Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
35 of 47
Current Noise
When using large transimpedance gains (that is, 450 kΩ), the current noise of the main amplifier can be a major
source of noise in a system. The current noise flows through the feedback resistor and appears at the output as a
voltage (current noise × RFX). Also, if the photodiode is reverse-biased, its dark current noise contribution can, in
some cases, become the dominant current noise term.
In CMOS amplifiers, the input current noise increases over frequency and, therefore, can have a major impact on
the total integrated noise. The ADA4352-2 is designed to have low current noise, but it increases with frequency. A
110 fA/√Hz flat current noise spectral density from 10 kHz to 100 kHz is used in the Photodiode Circuit Design Wizard
to represent the worst case high frequency noise.
Using a TIA gain of 450 kΩ, the Johnson noise of the resistor itself at the output is 86 nV/√Hz (at room temperature),
while the gained-up 110 fA/√Hz current noise spectral density of the amplifier at 10 kHz is a comparable 49.5
nV/√Hz. These current noise sources are usually insignificant compared to the voltage noise contribution (refer to
the “Noise Contributions for Transimpedance Amplifiers” section in the ADA4351-2 data sheet).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com