Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
17 of 47
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5. Input Offset Voltage Distribution,
AVDD = +2.5 V, AVSS = −2.5 V
Figure 6. Input Offset Voltage Distribution,
AVDD = +4.9 V, AVSS = −0.1 V
Figure 7. Input Offset Voltage Drift Distribution,
AVDD = +2.5 V, AVSS = −2.5 V
Figure 8. Input Offset Voltage Drift Distribution,
AVDD = +4.9 V, AVSS = −0.1 V
Figure 9. Input Offset Voltage Distribution,
AVDD = +1.5 V, AVSS = −1.5 V
Figure 10. Input Offset Voltage Distribution,
AVDD = +2.9 V, AVSS = −0.1 V
AVDD = +2.5V, AVSS = –2.5V
240 CHANNELS
30
25
20
15
10
5
0
INPUT OFFSET VOLTAGE (µV)
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
TA = +105°C
TA = +125°C
–80
–60
–40
–20
0
20
40
60
80
100
AVDD = +4.9V, AVSS = –0.1V
240 CHANNELS
12
10
8
6
4
2
0
INPUT OFFSET VOLTAGE (µV)
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
TA = +105°C
TA = +125°C
–200
–150
–100
–50
0
50
100
150
200
250
–0.6 –0.5 –0.4 –0.3 –0.2 –0.1 0
0.1 0.2 0.3 0.4 0.5 0.6
30
25
20
15
10
5
0
OFFSET VOLTAGE DRIFT (µV/°C)
–40°C ≤ TA ≤ +85°C
–40°C ≤ TA ≤ +105°C
–40°C ≤ TA ≤ +125°C
0°C ≤ TA ≤ +85°C
AVDD = +2.5V, AVSS = –2.5V
240 CHANNELS
25
20
15
10
5
0
OFFSET VOLTAGE DRIFT (µV/°C)
–40°C ≤ TA ≤ +85°C
–40°C ≤ TA ≤ +105°C
–40°C ≤ TA ≤ +125°C
0°C ≤ TA ≤ +85°C
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
AVDD = +4.9V, AVSS = –0.1V
240 CHANNELS
AVDD = +1.5V, AVSS = –1.5V
240 CHANNELS
25
20
15
10
5
0
INPUT OFFSET VOLTAGE (µV)
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
TA = +105°C
TA = +125°C
–100 –80
–60
–40
–20
0
20
40
60
80
100
AVDD = +2.9V, AVSS = –0.1V
240 CHANNELS
12
10
8
6
4
2
0
INPUT OFFSET VOLTAGE (µV)
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
TA = +105°C
TA = +125°C
–200
–150
–100
–50
0
50
100
150
200
250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com