Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
20 of 47
Figure 23. Total Output Offset Voltage vs. Common-Mode
Voltage at Various Temperatures, RF2= 40.2 kΩ,
AVDD = +2.5 V, AVSS = −2.5 V
Figure 24. Total Output Offset Voltage vs. Common-Mode
Voltage at Various Temperatures, RF3= 450 kΩ,
AVDD = +2.5 V, AVSS = −2.5 V
Figure 25. Total Output Offset Voltage vs. Common-Mode
Voltage at Various Temperatures, RF0= 350 Ω,
AVDD = +1.5 V, AVSS = −1.5 V
Figure 26. Total Output Offset Voltage vs. Common-Mode
Voltage at Various Temperatures, RF1= 3.5 kΩ,
AVDD = +1.5 V, AVSS = −1.5 V
Figure 27. Total Output Offset Voltage vs. Common-Mode
Voltage at Various Temperatures, RF2= 40.2 kΩ,
AVDD = +1.5 V, AVSS = −1.5 V
Figure 28. Total Output Offset Voltage vs. Common-Mode
Voltage at Various Temperatures, RF3= 450 kΩ,
AVDD = +1.5 V, AVSS = −1.5 V
AVDD = +2.5V, AVSS = –2.5V
RF2 = 40.2kΩ
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
TA = +125°C
COMMON-MODE VOLTAGE (V)
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
–150
–120
–90
–60
–30
0
30
60
90
120
150
AVDD = +2.5V, AVSS = –2.5V
RF3 = 450kΩ
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
TA = +125°C
COMMON-MODE VOLTAGE (V)
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
–150
–120
–90
–60
–30
0
30
60
90
120
150
AVDD = +1.5V, AVSS = –1.5V
RF0 = 315Ω
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
TA = +125°C
COMMON-MODE VOLTAGE (V)
–1.50
–1.25
–1.00
–0.75
–0.50
–0.25
0
0.25
–150
–120
–90
–60
–30
0
30
60
90
120
150
AVDD = +1.5V, AVSS = –1.5V
RF1 = 3.5kΩ
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
TA = +125°C
COMMON-MODE VOLTAGE (V)
–1.50
–1.25
–1.00
–0.75
–0.50
–0.25
0
0.25
–150
–120
–90
–60
–30
0
30
60
90
120
150
AVDD = +1.5V, AVSS = –1.5V
RF2 = 40.2kΩ
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
TA = +125°C
COMMON-MODE VOLTAGE (V)
–1.50
–1.25
–1.00
–0.75
–0.50
–0.25
0
0.25
–150
–120
–90
–60
–30
0
30
60
90
120
150
AVDD = +1.5V, AVSS = –1.5V
RF3 = 450kΩ
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
TA = +125°C
COMMON-MODE VOLTAGE (V)
–1.50
–1.25
–1.00
–0.75
–0.50
–0.25
0
0.25
–150
–120
–90
–60
–30
0
30
60
90
120
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com