Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
7 of 47
(TA = +25°C, AVDD = 2.5 V, AVSS = −2.5 V, DVDD = 3 V, DVSS = 0 V, load resistance (RL) = open, +IN = 0 V, unless
otherwise noted. These default AVDD, AVSS, and +IN conditions are equivalent to a single supply configuration
with +IN biased to mid supplies.)
PARAMETER
SYMBOL
CONDITIONS
COMMENTS
MIN
TYP
MAX
UNITS
TEST
LEVELS
OUTPUT CHARACTERISTICS
Output
Swing High
(AVDD − VOUT)
VOH
V+IN = AVSS+0.1
V, I−IN= IINMAX-
RF0= 315 Ω
600
mV
P
RF1= 3.5 kΩ
150
mV
P
RF2= 40.2 kΩ
100
mV
P
RF3= 450 kΩ
100
mV
P
Output
Swing Low
(VOUT − AVSS)
VOL
V+IN = AVDD −
1.5 V, I−IN=
IINMAX+
RF0= 315 Ω
600
mV
P
RF1= 3.5 kΩ
150
mV
P
RF2= 40.2 kΩ
100
mV
P
RF3= 450 kΩ
100
mV
P
Short-Circuit
Current
ISC
V+IN = AVDD/2,
I-IN= 0 mA
VOUT shorted to
AVDD and
AVSS
127/98
mA
CB
DYNAMIC PERFORMANCE
Gain
Bandwidth
Product
GBP
8.5
MHz
CB
Slew Rate
SR
10% to 90%,
rising and
falling, I−IN
from 0 mA to
IINMAX-, no load
RF0= 315 Ω
8.2
V/μs
CB
RF1= 3.5 kΩ
6.9
V/μs
CB
RF2= 40.2 kΩ
2
V/μs
CB
RF3= 450 kΩ
0.4
V/μs
CB
Total
Harmonic
Distortion
THD
f = 1 kHz, VOUT
= 1 VRMS, no
load
RF0= 315 Ω
123
dBc
CB
RF1= 3.5 kΩ
128
dBc
CB
RF2= 40.2 kΩ
128
dBc
CB
RF3= 450 kΩ
129
dBc
CB
Settling
Time to 0.1%
of Output
Step Voltage
ts
CD= 10 pF, REXT
= 200 Ω, CEXT=
180 pF, V+IN=
AVSS + 0.1 V,
I-IN from 0 μA
to IINMAX
RF0= 315 Ω
1
μs
S
RF1= 3.5 kΩ
2
μs
S
RF2= 40.2 kΩ
5
μs
S
RF3= 450 kΩ
10
μs
S
ANALOG POWER SUPPLIES
Operating
Range VS=
(AVDD −
AVSS)
VS
2.7
5.5
V
P
AVSS Range
Below DVSS
VSSR
0.5
0
V
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com