Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
14 of 47
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise specified.
Electrostatic Discharge (ESD)
The following ESD information is provided for handling of ESD-sensitive devices in an ESD protected area only.
Human body model (HBM) is per the ANSI/ESDA/JEDEC JS-001. Field-induced charged device model (FICDM) and
charged device model (CDM) per ANSI/ESDA/JEDEC JS-002.
Table 3. ADA4352-2, 16-Lead LFCSP
ESD Model
Withstand Threshold (V)
Class
HBM
±2500
1C
FICDM
±1250
C3
ESD Caution
ESD (electrostatic discharge) sensitive device. Charged devices and circuit boards can
discharge without detection. Although this product features patented or proprietary
protection circuitry, damage may occur on devices subjected to high energy ESD. Therefore,
proper ESD precautions should be taken to avoid performance degradation or loss of
functionality.
Table 4. Explanation of Test Levels
Test Level
Description
D
Definition
S
Design verification simulation
P
100% production tested
PF
Functionally checked during production test
CT
Characterized on tester
CB
Characterized on bench
Table 5. Absolute Maximum Ratings
PARAMETER
RATING
Voltage Between Any Two Pins
6 V
DVDD and AVDD to DVSS
−0.3 V to +6 V
DVDD, AVDD, and DVSS to AVSS
−0.3 V to +6 V
+IN and −IN Voltage
AVSS − 1 V to AVDD + 0.3 V
+IN and −IN Current
10mA
Op Amp Output Continuous Current
±20 mA
Temperature Storage Range
-65°C to +150°C
Temperature Operating Range
−40°C to +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com