Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
16 of 47
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 4. Pin Configuration
Table 6. Pin Descriptions
PIN
NAME
DESCRIPTION
REF
SUPPLY
Type
1
−INA
Channel A TIA Inverting Input
AVDD
IN
2
+INA
Channel A TIA Noninverting Input
AVDD
IN
3
+INB
Channel B TIA Noninverting Input
AVDD
IN
4
−INB
Channel B TIA Inverting Input
AVDD
IN
5
DNC
Reserved - Do Not Connect
6
OUT B
Channel B TIA Output
AVDD
OUT
7
AVSS
Negative Analog Supply
POWER
8
DVSS
Negative Digital Supply
POWER
9
SW SEL0 B
Channel B Range Selection Input 0
DVDD
IN
10
SW SEL1 B
Channel B Range Selection Input 1
DVDD
IN
11
SW SEL1 A
Channel A Range Selection Input 1
DVDD
IN
12
SW SEL0 A
Channel A Range Selection Input 0
DVDD
IN
13
DVDD
Positive Digital Supply
POWER
14
AVDD
Positive Analog Supply
POWER
15
OUT A
Channel A TIA Output
AVDD
OUT
16
DNC
Reserved - Do Not Connect
12
11
10
1
3
4
9
2
NOTES
1. DNC = DO NOT CONNECT.
–IN A
+IN A
+IN B
–IN B
SW SEL0 A
SW SEL1 A
SW SEL1 B
SW SEL0 B
ADA4352-2
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com