Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
6 of 47
(TA = +25°C, AVDD = 2.5 V, AVSS = −2.5 V, DVDD = 3 V, DVSS = 0 V, load resistance (RL) = open, +IN = 0 V, unless
otherwise noted. These default AVDD, AVSS, and +IN conditions are equivalent to a single supply configuration
with +IN biased to mid supplies.)
PARAMETER
SYMBOL
CONDITIONS
COMMENTS
MIN
TYP
MAX
UNITS
TEST
LEVELS
Feedback
Capacitance3
CFX
TA = +25°C
RF0= 315 Ω
33
pF
CB
RF1= 3.5 kΩ
26.5
pF
CB
RF2= 40.2 kΩ
7
pF
CB
RF3= 450 kΩ
2.5
pF
CB
Ratiometric
Gain Variation
Between
Channels
−40°C < TA <
+125°C
All Ranges
0.3
2
%
P
INPUT CHARACTERISTICS
Input Bias
Current —
Non
Inverting
IB+
TA = +25°C
±0.12
±1
nA
P
Input
Common
Mode
Voltage
Range
VCMR
−40°C < TA <
+125°C
Guaranteed by
CMRR
AVSS +
0.1
AVDD
1.5
V
CB
Linear Range
of Current
Pulled from
Inverting
Input
IINLIN−
V+IN= AVSS +
0.1 V
RF0= 315 Ω
0.1 to 13
mA
CT
RF1= 3.5 kΩ
0.01 to
1.3
mA
CT
RF2= 40.2 kΩ
1 to 100
µA
CT
RF3= 450 kΩ
0.1 to 10
µA
CT
Linear Range
of Current
Pushed into
Inverting
Input
IINLIN+
V+IN= AVDD −
1.5 V
RF0= 315 Ω
0.1 to 9
mA
CT
RF1= 3.5 kΩ
0.01 to
0.9
mA
CT
RF2= 40.2 kΩ
1 to 70
µA
CT
RF3= 450 kΩ
0.1 to 7
µA
CT
Common-
Mode
Rejection
Ratio
CMRR
VCM= -2.4 V to
+1 V, TA =
40°C to
+125°C
All Ranges
78
91
dB
CT
Common-
Mode Input
Impedance
ZCM
(+IN)
3.75/1
GΩ/pF
CB
(−IN)
3.75/3.5
GΩ/pF
CB
Differential
Mode Input
Capacitance
CINDM
Differential
mode
2
pF
CB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com