Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
21 of 47
Figure 29. Short Circuit Current vs. Shorted Output Voltage,
AVDD = +2.5 V, AVSS = −2.5 V
Figure 30. Short Circuit Current vs. Shorted Output Voltage,
AVDD = +4.9 V, AVSS = −0.1 V
Figure 31. Short Circuit Current vs. Shorted Output Voltage,
AVDD = +1.5 V, AVSS = −1.5 V
Figure 32. Short Circuit Current vs. Shorted Output Voltage,
AVDD = +2.9 V, AVSS = −0.1 V
Figure 33. Switch-ON Resistance vs. Common-Mode
Voltage, AVDD = +2.5 V, AVSS = −2.5 V
Figure 34. Switch-ON Resistance vs. Common-Mode Voltage,
AVDD = +1.5 V, AVSS = −1.5 V
AVDD = +2.5V, AVSS = –2.5V
–40°C
+25°C
+85°C
+125°C
SHORTED OUTPUT VOLTAGE (V)
–2.5 –2.0 –1.5 –1.0 –0.5
0
0.5
1.0
1.5
2.0
2.5
–160
–128
–96
–64
–32
0
32
64
96
128
160
AVDD = +4.9V, AVSS = –0.1V
–40°C
+25°C
+85°C
+125°C
SHORTED OUTPUT VOLTAGE (V)
–0.1
0.4
0.9
1.4
1.9
2.4
2.9
3.4
3.9
4.4
4.9
–180
–144
–108
–72
–36
0
36
72
108
144
180
AVDD = +1.5V, AVSS = –1.5V
–40°C
+25°C
+85°C
+125°C
SHORTED OUTPUT VOLTAGE (V)
–1.5 –1.2 –0.9 –0.6 –0.3
0
0.3
0.6
0.9
1.2
1.5
–80
–64
–48
–32
–16
0
16
32
48
64
80
AVDD = +2.9V, AVSS = –0.1V
–40°C
+25°C
+85°C
+125°C
SHORTED OUTPUT VOLTAGE (V)
–0.1
0.2
0.5
0.8
1.1
1.4
1.7
2.0
2.3
2.6
2.9
–80
–64
–48
–32
–16
0
16
32
48
64
80
AVDD = +2.5V, AVSS = –2.5V
TA = –40°C
TA = +25°C
TA = +85°C
TA = +105°C
TA = +125°C
COMMON-MODE VOLTAGE (V)
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
8
10
12
14
16
18
20
22
AVDD = +1.5V, AVSS = –1.5V
TA = –40°C
TA = +25°C
TA = +85°C
TA = +105°C
TA = +125°C
COMMON-MODE VOLTAGE (V)
–1.5
–1.2
–0.9
–0.6
–0.3
0
16
18
20
22
24
26
28
30
32
34
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com