Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
27 of 47
Figure 65. Analog Supply Current vs. Temperature
Figure 66. Valid Operating Range for AVSS Below DVSS,
DVSS = 0 V
Figure 67. Channel-to-Channel Crosstalk,
AVDD = +4.9V, AVSS = -0.1V
Table 7. Gain Setting Truth Table
SW SEL0
SW SEL 1
Gain setting
0
0
315 Ω
0
1
3.5 kΩ
1
0
40.2 kΩ
1
1
450 kΩ
AVDD = +2.5V, AVSS = –2.5V
AVDD = +1.5V, AVSS = –1.5V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
6
0
1
2
3
4
5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
AVSS (V)
DVDD ≥ 3V
DVDD = 1.8V
DVDD = 1.6V
VALID
RANGE
AVDD = +4.9V
AVSS = –0.1V
CHANNEL B (RF3 = 450kΩ)
CHANNEL A (RF0 = 315Ω)
TIME (100µs/DIV)
–6.0
–4.0
–2.0
0
2.0
4.0
6.0
–5.0
–3.3
–1.7
0
1.7
3.3
5.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com