Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 47Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
43 of 47
introduce less noise, but also make sure that this RC combination allows the signal to settle within the acquisition
time specified for the desired sample rate of the ADC.
As in the section on RC Tolerancing and Effect of External RC Filter, assume REXT = 200 Ω and CEXT = 180 pF. For the RF0
= 315 Ω gain setting, ADA4352-2’s dominant pole lies beyond the external RC filter’s bandwidth. The RC filter usually
limits the system bandwidth and thus also the noise bandwidth. For the rest of the RFX gain settings, the poles
created by ADA4352-2’s internal resistors and their respective compensation capacitors roll off at a much lower
frequency than the external RC filter. For these higher RFX settings, this external RC filter does not contribute to
noise reduction. See Table 9 for minimum, nominal, and maximum bandwidths for each gain setting.
Using the AD4696 Easy Drive ADC’s Input Settings
The AD4696 Easy Drive ADC provides the option of using high-Z mode at its analog inputs, which precharges the
switched capacitor networks of its MUX and SAR ADC without adding noise. This mode eases driver demands on the
ADA4352-2 output stage. It greatly limits the current that the ADA4352-2's output must provide when the AD4696's
sampling switches close at the beginning of its acquisition period and protects it from nonlinear kickback that can
significantly affect precision and linearity. Reducing this current also reduces the DC voltage error due to REXT.
Enabling high-Z mode in the AD4696 helps the overall signal chain achieve better SNR, THD, and DC accuracy.
Achieving Low Input Bias Current
There are several factors to consider in a low input bias current circuit. Leakage currents into high impedance
signal nodes can easily degrade measurement accuracy of picoamp signals. At the picoamp level, leakage current
can come from unexpected sources, including adjacent traces on the PCB (on the same layer or even from internal
layers), contamination on the PCB (from the assembly process or the environment), or other components on the
signal path. The ADA4352-2’s internal feedback resistors provide an advantage here as they are protected from
external leakage currents into the feedback path. Nevertheless, the system should be designed to mitigate these
sources and preserve optimal performance.
An appropriate cleaning process is essential after assembly to avoid leakages from solder flux and other
contaminants. Relative humidity also must be considered because PCB materials and the plastic mold compound
of the package itself can absorb moisture and cause additional leakage paths.
PCB Layout Cautions and Considerations
TIAs are extremely sensitive to parasitic capacitance at their inputs, as the capacitance directly reduces their
bandwidth and increases noise gain. A stray capacitance as low as 5 pF can greatly impact system performance,
especially if the capacitance of the photodiode used is around the same order of magnitude as the board parasitics.
Stripping the ground plane around the input trace is crucial for minimizing parasitic capacitance at the input, and
also makes it more difficult for leakage currents from the PCB to couple into the signal path and cause output
errors. As the ADA4352-2’s feedback resistors are internal, there is no need to strip ground plane around the
feedback path, saving board space that would be required for both external resistors and the removed ground
plane around them. However, the signal trace at the inverting input is still susceptible to leakage current and must
be protected.
It is important to keep the high impedance signal path as short as possible on the PCB. A high impedance node is
susceptible to picking up any stray signals in the system; therefore, keeping the path as short as possible reduces
this effect. Additionally, the longer the signal trace into the PCB (on the inverting input), the more stray capacitance
at the input of the PGTIA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com