Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
42 of 47
Total output DC offset error (at 25°C) = VOS,OUT + (IB+ x RIN+)
where, IB+ is the input bias current at the noninverting input.
RIN+ is the source resistance at the noninverting input.
If the noninverting resistance is kept at a minimum, the IB+ × RIN+ term is insignificant.
There are other sources of DC error while using the ADA4352-2 : the gain error, and error due to CMRR and PSRR.
The error contributions from CMRR and PSRR can be reduced using accurate supplies and calibration, and are
typically negligible at DC for a TIA application.
There is also a gain error term because of the resistor tolerance. The equation for this error term is given by IIN x
ΔRFX, where, IIN is the photodiode current and ΔRFX is the deviation from the nominal value of RFx in ohms.
Combining ADA4352-2 with a 16-Bit SAR ADC
The ADA4352-2 can be used to directly drive a successive approximation register (SAR) ADC. The slew rate of the
ADA4352-2 allows for fast output settling within the acquisition time specification of the ADC. The ADA4352-2 also
draws low supply current and can thus be paired with low power, high resolution ADCs for a low power precision
signal chain.
Typical ADA4352-2 Optical Signal Chain Application
Figure 84 shows a typical single-supply application using the AD4696, a high accuracy, low power, 16-channel, 16-
bit SAR ADC to measure an optical signal level using a photodiode. Between the output of the ADA4352-2 and the
analog front-end of the ADC is an external low-pass filter formed by REXT and CEXT.
Figure 84. Optical Signal Chain with ADA4352-2 and AD4696
External RC Filter Design Considerations for SAR ADC Driving
As seen in previous sections, the RC filter at the output is used for several purposes. For ADC driving applications,
this external RC filter also serves to limit both wideband noise into the ADC, and nonlinear kickback from the ADC
inputs into the amplifier output.
Selecting the RC filter between the PGTIA output and ADC input is an iterative process, and the best combination
depends on the intended application. For example, in lower frequency applications, opt for a higher value RC to
ADA4352-2
GAIN RESISTOR NETWORK
KELVIN
SWITCH
NETWORK
VOUT
REXT
CEXT
VADCIN
7pF
40.2kΩ
2.5pF
450kΩ
33pF
315Ω
26.5pF
3.5kΩ
AVDD
+IN
–IN
–VB VCM
AVSS
ADC
16-BIT
MSPS
0.5/1
AD4695/AD4696



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com