Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4352-2ACPZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADA4352-2ACPZ-R7
Description  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADA4352-2ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
38 of 47
Frequency Response Variation with Diode Capacitance CD
External diode capacitance (CD) values interact with the ADA4352-2’s various internal feedback resistance and
capacitance pairs (RFX||CFX) to give a range of frequency response curves. The lowest (315 Ω) RF0 value, which results
in a F-3dB bandwidth greater than 10 MHz, shows increased peaking in the frequency response as the CD increases
from 5 pF to 25 pF, and finally to 45 pF. This resulting response is normally bandlimited by the typically <5 MHz RC
filter following the PGTIA into a SAR ADC (see RC Tolerancing and Effect of External RC Filter). In all cases, it is
important to remember the ADA4352-2 adds a total of 5.5 pF parasitic input common-mode and differential
capacitance (CCM + CDIFF) to CD.
The family of output response curves in the left half of Figure 78 shows the effect of changing the value of CD to 5 pF,
25 pF, or 45 pF at the RF0 = 315 Ω gain setting. As the diode capacitance is increased, the frequency response
exhibits more peaking and the corresponding F−3dB point moves slightly lower in frequency.
Figure 78.
Simulated (Left) and Measured (Right) Frequency Response at VOUT for Various CD Values, RF0 = 315 Ω.
Measured Curve with CD = 47 pF Shown for Worst Case Peaking Comparison
The gains RF0 through RF3 are displayed in dBΩ in frequency response plots. Table 10 provides the conversions from
linear gains to their logarithmic equivalents to clarify the frequency response plots in this section.
Table 10. Nominal RFX and Equivalent Logarithmic Gain for All Gain Settings of ADA4352-2
Nominal RFX Value (Ω)
Nominal RFX Value (dBΩ)
Gain Step (dBΩ)
Internal CFX Value (pF)
315
50
NA
33
3.5k
71
21
26
40.2k
92
21
7.0
450k
113
21
2.5
The following curves in Figure 79 to Figure 82, which show how the frequency response changes with CD, are
generated in LTspice.
FREQUENCY (Hz)
10k
100k
1M
10M 20M
40
45
50
55
CD = 5pF
CD = 25pF
CD = 45pF
CD = 47pF
FREQUENCY (Hz)
10k
100k
1M
10M 20M
40
45
50
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com