Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 103 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 99Page - STMicroelectronics L99MH98 Datasheet HTML 100Page - STMicroelectronics L99MH98 Datasheet HTML 101Page - STMicroelectronics L99MH98 Datasheet HTML 102Page - STMicroelectronics L99MH98 Datasheet HTML 103Page - STMicroelectronics L99MH98 Datasheet HTML 104Page - STMicroelectronics L99MH98 Datasheet HTML 105Page - STMicroelectronics L99MH98 Datasheet HTML 106Page - STMicroelectronics L99MH98 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 147 page
background image
Bit
Name
Description
0110 = 10 mA
0111 = 12 mA
1000 = 16 mA
1001 = 20 mA
1010 = 24 mA
1011 = 28 mA
1100 = 32 mA
1101 = 36 mA
1110 = 40 mA
1111 = 44 mA
Table 163. HB5_MODE_CONFIG (0x20) MSB
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (RO)
0 (RO)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
RES
RES
DT5 [2]
DT5 [1]
DT5 [0]
STRONG_ON _WHEEL5
HB_IDIAG5 [1]
Reserved Reserved Dead Time 5 [2] Dead Time 5 [1] Dead Time 5 [0]
Free-wheeling strong on
HB5
HB5 diagnostic
current
Table 164. HB5_MODE_CONFIG (0x20) MSB description
Bit
Name
Description
14
RES
Reserved bit
13
RES
Reserved bit
12
DT5 [2]
Dead time of the HB5
000 = 0.5 μs
001 = 1 μs
010 = 2 μs
011 = 3 μs
100 = 4 μs
101 = 5 μs
110 = 6 μs
111 = 16 μs
11
DT5 [1]
10
DT5 [0]
9
STRONG_ON_
WHEEL5
Free-wheeling strong ON of the HB5
0 = Strong on disabled, free-wheeling gate current set to 4 mA
1 = Strong on enabled, free-wheeling gate current set to 30 mA
8
HB_IDIAG5 [1]
HB5 diagnostic currents setting
00 = Pull-up and pull-down currents off
01 = Pull-up current off and pull-down current on
10 = Pull-up current on and pull-down current off
11 = Pull-up and pull-down currents off
Table 165. HB5_MODE_CONFIG (0x20) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
L99MH98
SPI Registers
DS14611 - Rev 3
page 103/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com