Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 107 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 103Page - STMicroelectronics L99MH98 Datasheet HTML 104Page - STMicroelectronics L99MH98 Datasheet HTML 105Page - STMicroelectronics L99MH98 Datasheet HTML 106Page - STMicroelectronics L99MH98 Datasheet HTML 107Page - STMicroelectronics L99MH98 Datasheet HTML 108Page - STMicroelectronics L99MH98 Datasheet HTML 109Page - STMicroelectronics L99MH98 Datasheet HTML 110Page - STMicroelectronics L99MH98 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 147 page
background image
Bit
Name
Description
0101 = 400 mV
0110 = 500 mV
0111 = 600 mV
1xxx = 2 V
Table 173. HB5_DIAG_CFG (0x22) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
VDS_CONF5
[0]
VDS_BLANK5
[3]
VDS_BLANK5
[2]
VDS_BLANK5
[1]
VDS_BLANK5
[0]
VDS_FILT5
[2]
VDS_FILT5
[2]
VDS_FILT5
[2]
VDS conf of
the HB5 [0]
VDS blanking
time conf [3]
VDS blanking
time conf [2]
VDS blanking
time conf [1]
VDS blanking
time conf [0]
VDS filter
time conf [2]
VDS filter
time conf [1]
VDS filter
time conf [0]
Table 174. HB5_DIAG_CFG (0x22) LSB description
Bit
Name
Description
7
VDS_CONF5 [0]
Vds monitor threshold configuration of the HB5
0000 = 75 mV
0001 = 150 mV
0010 = 200 mV
0011 = 250 mV
0100 = 300 mV
0101 = 400 mV
0110 = 500 mV
0111 = 600 mV
1xxx = 2 V
6
VDS_BLANK5 [3]
Vds blanking time configuration of the HB5
0000 = 0.625 μs
0001 = 1 μs
0010 = 1.25 μs
0011 = 1.5 μs
0100 = 2 μs
0101 = 3 μs
0110 = 4 μs
0111 = 5 μs
1000 = 6 μs
1001 = 7 μs
1010 = 8 μs
1x11 = 0.625 μs
5
VDS_BLANK5 [2]
4
VDS_BLANK5 [1]
3
VDS_BLANK5 [0]
2
VDS_FILT5 [2]
Vds filtering time configuration of the HB5
000 = 0.5 μs
001 = 1 μs
010 = 2 μs
011 = 3 μs
100 = 4 μs
1
VDS_FILT5 [1]
0
VDS_FILT5 [0]
L99MH98
SPI Registers
DS14611 - Rev 3
page 107/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com