Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 110 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 106Page - STMicroelectronics L99MH98 Datasheet HTML 107Page - STMicroelectronics L99MH98 Datasheet HTML 108Page - STMicroelectronics L99MH98 Datasheet HTML 109Page - STMicroelectronics L99MH98 Datasheet HTML 110Page - STMicroelectronics L99MH98 Datasheet HTML 111Page - STMicroelectronics L99MH98 Datasheet HTML 112Page - STMicroelectronics L99MH98 Datasheet HTML 113Page - STMicroelectronics L99MH98 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 147 page
background image
Bit
Name
Description
111 = 16 μs
9
STRONG_ON_
WHEEL6
Free-wheeling strong ON of the HB6
0 = Strong on disabled, free-wheeling gate current set to 4 mA
1 = Strong on enabled, free-wheeling gate current set to 30 mA
8
HB_IDIAG6 [1]
HB6 diagnostic currents setting
00 = Pull-up and pull-down currents off
01 = Pull-up current off and pull-down current on
10 = Pull-up current on and pull-down current off
11 = Pull-up and pull-down currents off
Table 181. HB6_MODE_CONFIG (0x24) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
HB_IDIAG6
[1]
HB_PWM6
[2]
HB_PWM6
[1]
HB_PWM6
[0]
HB_MODE6
[1]
HB_MODE6
[0]
HB_WHEEL6
[1]
HB_WHEEL6
[0]
HB6
diagnostic
current
HB6 PWM
mapping [2]
HB6 PWM
mapping [1]
HB6 PWM
mapping [0]
H61 mode [1] HB6 mode [0]
HB6 free-
wheeling [1]
HB6 free-
wheeling [0]
Table 182. HB6_MODE_CONFIG (0x24) LSB description
Bit
Name
Description
7
HB_IDIAG6 [0]
HB6 diagnostic currents setting
00 = Pull-up and pull-down currents off
01 = Pull-up current off and pull-down current on
10 = Pull-up current on and pull-down current off
11 = Pull-up and pull-down currents off
6
HB_PWM6 [2]
PWM mapping on HB6
This 3 bit register is used to indicate which PWM signal is applied to the HS or LS of the HB6
000 = LS of HB mapped on PWM1
001 = LS of HB mapped on PWM2
010 = LS of HB mapped on PWM3
011 = HS of HB mapped on PWM1
100 = HS of HB mapped on PWM2
101 = HS of HB mapped on PWM3
110 = 111 = No mapped
5
HB_PWM6 [1]
4
HB_PWM6 [0]
3
HB_MODE6 [1]
HB1 functionality mode
00 = LS and HS of the HB6 are kept off
01 = LS of the HB6 is ON (static, no PWM), HS of the HB6 is OFF
10 = HS of the HB6 is ON (static, no PWM), LS of the HB6 is OFF
11 = LS or HS of the HB6 is ON according to the HB_PWM1 register
2
HB_MODE6 [0]
1
HB_WHEEL6 [1]
HB6 free-wheeling mode
00 = 11 = No mapped
01 = Active free-wheeling on HS of the HB
10 = Active free-wheeling on LS of the HB
0
HB_WHEEL6 [0]
L99MH98
SPI Registers
DS14611 - Rev 3
page 110/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com