Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 108 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 104Page - STMicroelectronics L99MH98 Datasheet HTML 105Page - STMicroelectronics L99MH98 Datasheet HTML 106Page - STMicroelectronics L99MH98 Datasheet HTML 107Page - STMicroelectronics L99MH98 Datasheet HTML 108Page - STMicroelectronics L99MH98 Datasheet HTML 109Page - STMicroelectronics L99MH98 Datasheet HTML 110Page - STMicroelectronics L99MH98 Datasheet HTML 111Page - STMicroelectronics L99MH98 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 147 page
background image
Bit
Name
Description
101 = 5 μs
110 = 6 μs
111 = 0.5 μs
Table 175. HB5_TURN_OFF_CFG (0x23) MSB
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RO)
0 (RW)
0 (RW)
RES
RES
RES
RES
RES
GENMODE5 [1]
GENMODE5 [0]
Reserved
Reserved
Reserved
Reserved
Reserved
GENMODE bit conf [1]
GENMODE bit conf [0]
Table 176. HB5_TURN_OFF_CFG (0x23) MSB description
Bit
Name
Description
14
RES
Reserved bit
13
RES
Reserved bit
12
RES
Reserved bit
11
RES
Reserved bit
10
RES
Reserved bit
9
GENMODE5 [1]
HB5 Gate driver actions when a VDH overvoltage is detected:
00 = Gate driver off
01 = HS off, LS on to lock the motor
10 = Flag only
11 = Gate driver off
8
GENMODE5 [0]
Table 177. HB5_TURN_OFF_CFG (0x23) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
HB_FAULT5
[3]
HB_FAULT5
[2]
HB_FAULT5
[1]
HB_FAULT5
[0]
ISTEP2_OFF_
CONF5 [3]
ISTEP2_OFF_
CONF5 [2]
ISTEP2_OFF_
CONF5 [1]
ISTEP2_OFF_
CONF5 [0]
HB5 fault
key [3]
HB5 fault
key [2]
HB5 fault
key [1]
HB5 fault
key [0]
HB5 Istep2
conf [3]
HB5 Istep2
conf [2]
HB5 Istep2
conf [1]
HB5 Istep2
conf [0]
Table 178. HB5_TURN_OFF_CFG (0x23) LSB description
Bit
Name
Description
7
HB_FAULT5 [3]
HB5 fault key
0000 = No connected to other HB
0001 = key 1
0010 = key 2
0100 = key 4
1000 = key 8
0011 = key 1 + key 2
0101 = key 1 + key 4
1001 = key 1 + key 8
0110 = key 2 + key 4
6
HB_FAULT5 [2]
5
HB_FAULT5 [1]
4
HB_FAULT5 [0]
L99MH98
SPI Registers
DS14611 - Rev 3
page 108/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com