Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MH98 Datasheet(PDF) 104 Page - STMicroelectronics

Part # L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 100Page - STMicroelectronics L99MH98 Datasheet HTML 101Page - STMicroelectronics L99MH98 Datasheet HTML 102Page - STMicroelectronics L99MH98 Datasheet HTML 103Page - STMicroelectronics L99MH98 Datasheet HTML 104Page - STMicroelectronics L99MH98 Datasheet HTML 105Page - STMicroelectronics L99MH98 Datasheet HTML 106Page - STMicroelectronics L99MH98 Datasheet HTML 107Page - STMicroelectronics L99MH98 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 147 page
background image
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
HB_IDIAG5
[1]
HB_PWM5
[2]
HB_PWM5
[1]
HB_PWM5
[0]
HB_MODE5
[1]
HB_MODE5
[0]
HB_WHEEL5
[1]
HB_WHEEL5
[0]
HB5
diagnostic
current
HB5 PWM
mapping [2]
HB5 PWM
mapping [1]
HB5 PWM
mapping [0]
HB5 mode [1] HB5 mode [0]
HB5 free-
wheeling [1]
HB5 free-
wheeling [0]
Table 166. HB5_MODE_CONFIG (0x20) LSB description
Bit
Name
Description
7
HB_IDIAG5 [0]
HB5 diagnostic currents setting
00 = Pull-up and pull-down currents off
01 = Pull-up current off and pull-down current on
10 = Pull-up current on and pull-down current off
11 = Pull-up and pull-down currents off
6
HB_PWM5 [2]
PWM mapping on HB5
This 3 bits register is used to indicate which PWM signal is applied to the HS or LS of the HB5
000 = LS of HB mapped on PWM1
001 = LS of HB mapped on PWM2
010 = LS of HB mapped on PWM3
011 = HS of HB mapped on PWM1
100 = HS of HB mapped on PWM2
101 = HS of HB mapped on PWM3
110 = 111 = No mapped
5
HB_PWM5 [1]
4
HB_PWM5 [0]
3
HB_MODE5 [1]
HB5 functionality mode
00 = LS and HS of the HB5 are kept off
01 = LS of the HB5 is ON (static, no PWM), HS of the HB5 is OFF
10 = HS of the HB5 is ON (static, no PWM), LS of the HB5 is OFF
11 = LS or HS of the HB5 is ON according to the HB_PWM1 register
2
HB_MODE5 [0]
1
HB_WHEEL5 [1] HB5 free-wheeling mode
00 = 11 = No mapped
01 = Active free-wheeling on HS of the HB
10 = Active free-wheeling on LS of the HB
0
HB_WHEEL5 [0]
Table 167. HB5_DRIVER_CFG (0x21) MSB
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (RO)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
0 (RW)
RES
VSTEP2_CONF5
[1]
VSTEP2_CONF5
[0]
ISTEP3_CONF5
[3]
ISTEP3_CONF5
[2]
ISTEP3_CONF5
[1]
ISTEP3_CONF5
[0]
Reserved
HB5 Vstep1 and
Vstep2 conf [1]
HB5 Vstep1 and
Vstep2 conf [0]
HB5 Istep3 conf
[3]
HB5 Istep3 conf
[2]
HB5 Istep3 conf
[1]
HB5 Istep3 conf
[0]
Table 168. HB5_DRIVER_CFG (0x21) MSB description
Bit
Name
Description
14
RES
Reserved bit
13
VSTEP2_CONF5 [1]
Vstep1 and Vstep2 thresholds configuration of the HB5
L99MH98
SPI Registers
DS14611 - Rev 3
page 104/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com