Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 31 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 31 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 27Page - ams-OSRAM AG AS3715 Datasheet HTML 28Page - ams-OSRAM AG AS3715 Datasheet HTML 29Page - ams-OSRAM AG AS3715 Datasheet HTML 30Page - ams-OSRAM AG AS3715 Datasheet HTML 31Page - ams-OSRAM AG AS3715 Datasheet HTML 32Page - ams-OSRAM AG AS3715 Datasheet HTML 33Page - ams-OSRAM AG AS3715 Datasheet HTML 34Page - ams-OSRAM AG AS3715 Datasheet HTML 35Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 159 page
background image
Page 30
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3715 − Detailed Description – Power Management Functions
Parameter
Figure 31:
LDO Parameter
LDO Parameter: Shows the key electrical parameter of the linear regulators.
Note(s) and/or Footnote(s):
1. Guaranteed by design and verified by laboratory evaluation and characterization; not production tested.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT_LDO3-6
Output voltage
Iout<150mA; 25mV steps
0.825
3.3
V
VOUT_LDO7-8
Output voltage
Iout<150mA; 25mV steps
0.825
3.275
V
VOUT_tol
Output voltage tolerance
min. ±40mV
-3
3
%
IOUT_L
Output current (1)
ldoX_ilimit = 0 (150mA)
0
150
mA
ILIMIT_L
Current limit (1)
300
mA
IOUT_H
Output current (1)
ldoX_ilimit = 1 (300mA)
0
300
mA
ILIMIT_H
Current limit (1)
500
mA
RON
ON resistance
LDO3-8
0.6
1
Ω
PSRR
Power supply rejection
ratio
f=1kHz
60
dB
f=100kHz
30
eN
Output noise
BW=10Hz to 100kHz;
Vout=0.85V; Iout=1mA;
Cout= 2.2uF
48
μVrms
BW=10Hz to 100kHz;
Vout=3.3V; Iout=1mA;
Cout= 2.2uF
181
μVrms
IOFF
Shut down current
100
nA
IVDD
Supply current
without load
30
43
μA
tSTART
Startup time
low current used during
start-up
500
μs
VLineReg
Line regulation
Static
0.07
%/V
Transient; Slope: tr=15μs;
delta 1V
20
mV
VLoadReg
Load regulation
Static
0.014
%/mA
Transient; Slope: tr=15μs;
1mA->300mA
30
mV
RDISCHG
Pull-Down resistance
Regulator disabled
730
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com