Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 8 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 8 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 4Page - ams-OSRAM AG AS3715 Datasheet HTML 5Page - ams-OSRAM AG AS3715 Datasheet HTML 6Page - ams-OSRAM AG AS3715 Datasheet HTML 7Page - ams-OSRAM AG AS3715 Datasheet HTML 8Page - ams-OSRAM AG AS3715 Datasheet HTML 9Page - ams-OSRAM AG AS3715 Datasheet HTML 10Page - ams-OSRAM AG AS3715 Datasheet HTML 11Page - ams-OSRAM AG AS3715 Datasheet HTML 12Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 159 page
background image
ams Datasheet
Page 7
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Pin Assignments
C1
CTRL1_SD4
AIO
Bidirectional control pin of SD4, phase 1
VSUP
Open
D4
CTRL2_SD4
AIO
Bidirectional control pin of SD4, phase 2
VSUP
Open
C2
TEMP_SD4
AIO
Temperature control pin of power stage for
SD4
VSUP
Open
E3
VSUP_CP
S
System supply voltage input of CP
(connect to other VSUP pins)
5.5V
Mandatory
E2
CAPP
AIO
Flying cap of charge pump
VSUP
Open
D1
CAPN
AIO
Flying cap of charge pump
VSUP
Open
E1
V5_0
AIO
Output voltage of charge pump
-
Open
D2
VSS_CP
AIO
Power GND pin of 5V charge pump
-
Mandatory
C3
VSUP_SU
S
System supply voltage input of SU
(connect to other VSUP pins)
5.5V
Mandatory
D5
SENSEP_SU
AI
SU positive sense resistor input
VSUP
Open
A2
SENSEN_SU
AI
SU negative sense resistor input
VSUP
Open
C5
FB_SU
AI
Analog Feedback pin of SU
3.6V
Open
B2
GATE_SU
AO
SU ext. NMOS gate driver output
VSUP
Open
A1
VSS_SU
AIO
Power GND pin of SU
-
Mandatory
J6
CURR1
AIO
Current sink 1 terminal
30V
Open
H6
CURR2
AIO
Current sink 2 terminal
30V
Open
G6
CURR3
AIO
Current sink 3 terminal
30V
Open
D7
EBATSW
AO
External battery switch gate driver
VSUP
Open
C7
IBATSW
AO
Internal battery switch gate driver
VSUP
Open
C8
XOFF
AO
External OV NMOS gate driver
15V
Open
A6
CHGIN1
S
Charger adapter input (protected)
5.5V
Open
B6
CHGIN1
S
Charger adapter input (protected)
5.5V
Open
A8
CHGIN2
S
2nd Charger adapter input
5.5V
Open
B8
CHGIN2
S
2nd Charger adapter input
5.5V
Open
A7
VSUP_CHG
S IO
Current limiter output, Charger input
VSUP
Open
B7
VSUP_CHG
S IO
Current limiter output, Charger input
VSUP
Open
Pin #
Pin Name
I/O
Description
Max.
Voltage
If not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com