Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 47 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 47 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 43Page - ams-OSRAM AG AS3715 Datasheet HTML 44Page - ams-OSRAM AG AS3715 Datasheet HTML 45Page - ams-OSRAM AG AS3715 Datasheet HTML 46Page - ams-OSRAM AG AS3715 Datasheet HTML 47Page - ams-OSRAM AG AS3715 Datasheet HTML 48Page - ams-OSRAM AG AS3715 Datasheet HTML 49Page - ams-OSRAM AG AS3715 Datasheet HTML 50Page - ams-OSRAM AG AS3715 Datasheet HTML 51Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 159 page
background image
Page 46
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3715 − Detailed Description – Power Management Functions
Battery Presence Indication
After EOC state is reached a timer for NOBAT detection is
started. If there is no battery present, the VBAT voltage will drop
to VRESUME. Depending on the load on VBAT and the capacitor
on VBAT this might take some milliseconds to 1 second. If the
RESUME mode is enabled (bit auto_resume=1), the charger will
restart charging (ConstantCurrent charging) after 100msec
delay.
The 100msec dead time is necessary to get a battery oscillation
frequency below 10Hz, if there is no battery present.
If the NOBAT detection timer is below 2 seconds after reaching
EOC state, and this happens 2 times in serial, the Nobat bit in
ChargerStatus register is set. If a battery is inserted the bit will
be reset after the timer exceeds the 2 seconds.
Charger Overvoltage Protection
This blocks checks if the charger voltage VUSB is above
VCHOVH. If the VUSB voltage is above VCHOVH , the pin XOFF
is pulled to GND immediately, to protect the pin VCHG_IN, and
the charger is set into OFF state. If the VUSB voltage is below
VCHOVH the XOFF pin is charged up to VXOFF_REG with an
integrated charge pump. If the pin exceeds VXOFF_MIN the bit
is set and the charger is started.
NTC Supervision
This charger block also features a supply for an external NTC
resistor to measure the battery temperature while charging. If
the temperature is too high the charger will stop operation. If
needed an interrupt can be generated based on this event.
When the battery temperature drops the voltage on BATTEMP
pin will rise above VBATTEMP_OFF and the charger will start
charging again. This is forming a temperature hysteresis of
about 3 to 5°C to avoid an oscillation of the charger.
The type of NTC (ntc_10k:10k or 100k) can be selected via
register settings. The battery temperature supervision via the
NTC can be switched OFF (ntc_on= 0).
The supply for the NTC will be on when the ntc_on bit is set, no
matter if a charger is detected or not.
NTC ß-Correction
To keep the voltage drop over the whole temperature range
inside of the ADC input range a parallel resistor to the NTC is
needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com