Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 4 Page - ams-OSRAM AG

  AS3715 Datasheet HTML 1Page - ams-OSRAM AG AS3715 Datasheet HTML 2Page - ams-OSRAM AG AS3715 Datasheet HTML 3Page - ams-OSRAM AG AS3715 Datasheet HTML 4Page - ams-OSRAM AG AS3715 Datasheet HTML 5Page - ams-OSRAM AG AS3715 Datasheet HTML 6Page - ams-OSRAM AG AS3715 Datasheet HTML 7Page - ams-OSRAM AG AS3715 Datasheet HTML 8Page - ams-OSRAM AG AS3715 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 159 page
background image
ams Datasheet
Page 3
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − General Description
Block Diagram
The functional blocks of this device for reference are
shown below:
Figure 2:
Block Diagram for AS3715
Block Diagram: Shows the main function blocks of the AS3715.
30V OVP
optional
8 GPIOs + 4 Enable
ADC 16-ch
Supervisor
(Sup ply & Temp)
I2C
Boot ROM
(OTP)
Watchdog
Stand-by
POR
AS3715
Control &
Reference
3 SINKs
HV, 40mA each
DCDC1
1.5 – 2A
0.6 – 3.35V
3 – 4MHz
966B6'
)%B6'
/;B6'
X+
X)
X)
9683B6'
LDO4
UIO 1Ÿ
0.8-3.3V
300mA
X)
LDO5
UIO 1Ÿ
0.8-3.3V
300mA
X)
LDO6
UIO 1Ÿ
0.8-3.3V
300mA
X)
X)
LDO7
UIO 1Ÿ
0.8-3.3V
300mA
LDO8
UIO 1Ÿ
0.8-3.3V
300mA
X)
/'2
X)
9,1B/'2
X)
/'2
DCDC2
0.7 – 1A
0.6 – 3.35V
2 – 4MHz
966B6'
)%B6'
/;B6'
X+
X)
9683B6'
X)
DCDC3
0.7 – 1A
0.6 – 3.35V
2 – 4MHz
966B6'
)%B6'
/;B6'
X+
X)
9683B6'
X)
LDO1
ANA 1Ÿ
1.2-3.3V
250mA
X)
LDO2
ANA 1Ÿ
1.2-3.3V
250mA
X)
LDO3
UIO 1Ÿ
0.8-3.3V
300mA
X)
X)
5V CP
55mA
1MHz
&$31
&$33
9683B&3
9B
 Q)
X)
966B&3
BOOST
(controller)
voltage &
current mo de
0.5/1MHz
6(163
9683B68
*$7(B68
)%B68
966B68
1.5A Li-Ion Charger
linear or
switched mode
dua l ba ttery control
enh anced temp control
NTC ß-correction
9683B&+*
(%$76:
,%$76:
6
6
9(%$7
&+*287
%$77(03
Power Path & Limiter
&+*,1
X)
;2))
986%
30V Over-Voltage
Protection
&+*,1
X)
9,%$7
DCDC4
6A
0.6 – 1.5V
1.5 – 3MHz
)%B6' GLIIHUHQ WLDO
&75/B6'
&75/B6'
7(03B6'
X)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com