Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 78 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 78 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 74Page - ams-OSRAM AG AS3715 Datasheet HTML 75Page - ams-OSRAM AG AS3715 Datasheet HTML 76Page - ams-OSRAM AG AS3715 Datasheet HTML 77Page - ams-OSRAM AG AS3715 Datasheet HTML 78Page - ams-OSRAM AG AS3715 Datasheet HTML 79Page - ams-OSRAM AG AS3715 Datasheet HTML 80Page - ams-OSRAM AG AS3715 Datasheet HTML 81Page - ams-OSRAM AG AS3715 Datasheet HTML 82Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 159 page
background image
ams Datasheet
Page 77
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Detailed Description – System Functions
Figure 81:
I²C Current Address Read
I²C Current Address Read: Shows the format of an I²C current address read access.
To keep the access time as small as possible, this format allows
a read access without the word address transfer in advance to
the data transfer. The bus is idle and the master issues a START
condition followed by the Device-Read address. Analogous to
Random Read, a single byte transfer is terminated with a
not-acknowledge after the 1st register byte. Analogous to
Sequential Read an unlimited number of data bytes can be
transferred, where the data bytes has to be responded with an
acknowledge from the master. For termination of the
transmission the master sends a not-acknowledge following
the last data byte and a subsequent STOP condition.
I²C Parameter
Figure 82:
I²C Characteristics
I²C Characteristics: Shows the key electrical parameter of the I²C interface.
The AS3715 is compatible to the NXP two wire specification
www.nxp.com/documents/user_manual/UM10204.pdf
Version 4.0 Feb 2012 for standard mode and fast mode (no fast
mode plus or high speed mode support).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
SCL,SDA Low Level input
voltage
-0.3
0.4
V
VIH
SCL,SDA High Level
input voltage
1.4
VSUP_GPIO
V
VOH
High-Level Output
Voltage
at -2.0mA
0.8x
VSUP_GPIO_lv
V
VOL
Low-Level Output
Voltage
at 2.0mA
0.2x
VSUP_GPIO_lv
V
CLOAD
Capacitive Load
50
pF
S
DR
A data 1 A data 2 A
...
data n
RA++
RA++
RA++
P
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com