Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 15 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 15 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 11Page - ams-OSRAM AG AS3715 Datasheet HTML 12Page - ams-OSRAM AG AS3715 Datasheet HTML 13Page - ams-OSRAM AG AS3715 Datasheet HTML 14Page - ams-OSRAM AG AS3715 Datasheet HTML 15Page - ams-OSRAM AG AS3715 Datasheet HTML 16Page - ams-OSRAM AG AS3715 Datasheet HTML 17Page - ams-OSRAM AG AS3715 Datasheet HTML 18Page - ams-OSRAM AG AS3715 Datasheet HTML 19Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 159 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3715 − Detailed Description – Power Management Functions
Mode Settings
Low Ripple, Low Noise Operation
Bit settings: sdX_low_noise=1
In this mode there is no minimum coil current necessary before
switching OFF the PMOS. As long as the load current is superior
to the ripple current the device operates in continuous mode.
Figure 8:
DC/DC Buck Continuous Mode
DC/DC Buck Continuous Mode: Shows the DC/DC switching waveforms of SD3 at about 500mA.
When the load current gets lower, the discontinuous mode is
triggered. As result, the auto-zero comparator stops the NMOS
conduction to avoid load discharge and the duty cycle is
reduced down to tmin_on to keep the regulation loop stable.
This results in a very low ripple and noise, but decreased
efficiency, at light loads, especially at low input to output
voltage differences.
Figure 9:
DC/DC Buck Dis-Continuous Mode
DC/DC Buck Dis-Continuous Mode: Shows the DC/DC switching waveforms of SD3 at about 60mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com