Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 10Page - ams-OSRAM AG AS3715 Datasheet HTML 11Page - ams-OSRAM AG AS3715 Datasheet HTML 12Page - ams-OSRAM AG AS3715 Datasheet HTML 13Page - ams-OSRAM AG AS3715 Datasheet HTML 14Page - ams-OSRAM AG AS3715 Datasheet HTML 15Page - ams-OSRAM AG AS3715 Datasheet HTML 16Page - ams-OSRAM AG AS3715 Datasheet HTML 17Page - ams-OSRAM AG AS3715 Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 159 page
background image
ams Datasheet
Page 13
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Detailed Description – Power Management Functions
DCDC Step-Down Converter
Description
The step-down converter is a high efficiency fixed frequency
current mode regulator. By using low resistance internal PMOS
and NMOS switches efficiency up to 95% can be achieved. The
fast switching frequency allows using small inductors, without
increasing the current ripple. The unique feedback and
regulation circuit guarantees optimum load and line regulation
over the whole output voltage range, up to an output current
of 2A (SD1), and 1A for (SD2, SD3), with an output capacitor of
only 8μF - 12μF. The implemented current limitation protects
the DCDC and the coil during overload condition.
Figure 7:
Step-Down DC/DC Converter Block Diagram
DCDC Step-Down Converter Block Diagram: Shows the internal structure of the DCDC bucks.
Detailed Description – Power
Management Functions
Logic
+
Σ
IMIN
ILIMIT
250/600mA
1.2/2.5A
ISENSEP
ISENSEN
Zero
Comparator
PWM
Comparator
Overvoltage
Comparator
Ref + 8%
Ref - 5%
Slope
Compensation
Softstart
Ref = 0.6V
Skip
sdX_low_noise
clk
sdX_lv
sdX_vsel
FB_SDx
VSS_SDx
LX_SDx
VOUT
VSUP_SDx
CVSUP_SDx
LSDx
COUT_SDx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com