Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 68 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 68 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 64Page - ams-OSRAM AG AS3715 Datasheet HTML 65Page - ams-OSRAM AG AS3715 Datasheet HTML 66Page - ams-OSRAM AG AS3715 Datasheet HTML 67Page - ams-OSRAM AG AS3715 Datasheet HTML 68Page - ams-OSRAM AG AS3715 Datasheet HTML 69Page - ams-OSRAM AG AS3715 Datasheet HTML 70Page - ams-OSRAM AG AS3715 Datasheet HTML 71Page - ams-OSRAM AG AS3715 Datasheet HTML 72Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 159 page
background image
ams Datasheet
Page 67
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Detailed Description – System Functions
Current Sink PWM Input
The GPIO is used as PMW input for the current sink to control
the current. 100% PWM mode will set the current to the value
set by currX_current. The PWM control has to be enabled by
currX_ctrl =11b for each current sink to be controlled. The
gpioX_mode should be set to input.
Vselect Input
As long as the GPIOx pin is low the DCDC/LDOs operate with
the normal register settings. If the GPIOx pin goes high the
settings will change to the ones stored in regX_voltage.
The gpioX_mode should be set to input.
The regulator affected by this mode is selected by regX_select.
While GPIO3 to GPIO6 always control all regulators selected by
regX_select, GPIO1 and GPIO2 may be used to control two
regulators separately:
Figure 70:
GPIO Vselect Modes
GPIO Vselect Mode: Shows the different GPIO voltage control modes for regulators.
Stand-By and Vselect Input
This mode is very similar to the Vselect mode described in the
previous paragraph. In addition to switch between 2 register
settings of 3 regulators, the chip is set to stand-by mode when
the GPIOx pin goes high and wakes up again when the pin is
pulled low.
The gpioX_mode should be set to input.
Only one GPIO is needed to control the stand-by function and
voltage setting of all 3 selectable regulators. It’s not
recommended to set this mode (gpioX_iosf=6) for more than
one GPIO at the same time. It’s not possible to control the
regulators by different GPIOs.
PWRGOOD Output
This signal will go high at the end of the start-up sequence. This
can be used as a second reset signal to the processor to e.g.
start oscillators. The gpioX_mode should be set to output.
gpio1_iosf
gpio2_iosf
Vselect Mode
≠ 5
≠ 5
No voltage select by GPIO for regulator
≠ 5
5
GPIO2 controls regulator selected by reg1_select, reg2_select and
reg3_select
5≠ 5
GPIO1 controls regulator selected by reg1_select, reg2_select and
reg3_select
55
GPIO1 controls regulator selected by reg1_select
GPIO2 controls regulator selected by reg2_select & reg3_select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com