Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 69 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 69 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 65Page - ams-OSRAM AG AS3715 Datasheet HTML 66Page - ams-OSRAM AG AS3715 Datasheet HTML 67Page - ams-OSRAM AG AS3715 Datasheet HTML 68Page - ams-OSRAM AG AS3715 Datasheet HTML 69Page - ams-OSRAM AG AS3715 Datasheet HTML 70Page - ams-OSRAM AG AS3715 Datasheet HTML 71Page - ams-OSRAM AG AS3715 Datasheet HTML 72Page - ams-OSRAM AG AS3715 Datasheet HTML 73Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 159 page
background image
Page 68
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3715 − Detailed Description – System Functions
Q32k Output
When selected the GPIOx will provide the internal 32kHz
oscillator frequency. The gpioX_mode should be set to output.
Watchdog Input
When pulling the GPIO high the watchdog will be triggered to
avoid a reset cycle initiated by the watchdog. The gpioX_mode
should be set to input.
SU1 OC Output
This output signal can be used to control an external disconnect
transistor if SU1 detects an over current condition. The
gpioX_mode should be set to output.
Charger Active Output
When selected, the GPIOx will go high if the charger is active.
The gpioX_mode should be set to output.
EOC Output
When selected, the GPIOx will go high if the charger has reached
the EOC state. The gpioX_mode should be set to output.
100/900mA Charger Input
With this function the charger input current limiter can be set
to 100 or 900mA (low power or high power USB limit). The
gpioX_mode should be set to input.
900mA/2.5A Charger Input
With this function the charger input current limiter can be set
to 900mA or 2.5A (high power USB limit or full current enabled).
The gpioX_mode should be set to input.
Charging Enable Input
When pulling the GPIO to high the charger is being enabled and
vice versa. This is to enable the charger without I²C
communication. The gpioX_mode should be set to input.
PWM Output
The GPIO block includes an internal programmable PWM
generator (can be connected to any of the GPIO outputs). Its
timing is defined by pwm_h_time, pwm_l_time and pwm_div.
The gpioX_mode should be set to output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com