Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 50 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 50 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 46Page - ams-OSRAM AG AS3715 Datasheet HTML 47Page - ams-OSRAM AG AS3715 Datasheet HTML 48Page - ams-OSRAM AG AS3715 Datasheet HTML 49Page - ams-OSRAM AG AS3715 Datasheet HTML 50Page - ams-OSRAM AG AS3715 Datasheet HTML 51Page - ams-OSRAM AG AS3715 Datasheet HTML 52Page - ams-OSRAM AG AS3715 Datasheet HTML 53Page - ams-OSRAM AG AS3715 Datasheet HTML 54Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 159 page
background image
ams Datasheet
Page 49
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Detailed Description – Power Management Functions
Charger JEITA Temp Supervision
The more complex JEITA temperature supervision is monitoring
T1 (0°C), T2 (10°C), T3 (45°C) and T4 (60°C) and adjusting
charging current and voltage to it.
Figure 49:
JEITA Temp Supervision
JEITA Temp Supervision Diagram: Shows the voltage and current settings for the JEITA temperature
supervision.
Dual Battery Switching
The charger is only charging the battery connected to
CHGOUT/VIBAT, but can handle two batteries and controls the
external battery switches accordingly. When moving to
power_off mode only the internal battery switch is kept closed.
T1upper
TEMPERATURE [°C]
CHARGE
CURRENT
CHARGE
VOLTAGE
0.5C
Typical Charge Voltage: Veoc(typ)
3.5V < Veoc(warm) < 4.34V
750mA < Icc_normal(typ) < 1500mA
60mA < Itrickle(typ) < 240mA
COLD
TYPICAL
HOT
Charger
is OFF
Charger
is OFF
350mA < Icc_low(typ) < 750mA
T1lower
T4upper
T4lower
350mA < Icc_low(cool) < 750mA
60mA < Itrickle(cool) < 120mA
COOL
T2upper
T2lower
Maximum Charging Current 1C
WARM
T3upper
T3lower
Veoc(warm)=Veoc(typ)-100mV
3.5V < Veoc(typ) < 4.44V
350mA < Icc_normal(cool) < 750mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com