Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 71 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 71 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 67Page - ams-OSRAM AG AS3715 Datasheet HTML 68Page - ams-OSRAM AG AS3715 Datasheet HTML 69Page - ams-OSRAM AG AS3715 Datasheet HTML 70Page - ams-OSRAM AG AS3715 Datasheet HTML 71Page - ams-OSRAM AG AS3715 Datasheet HTML 72Page - ams-OSRAM AG AS3715 Datasheet HTML 73Page - ams-OSRAM AG AS3715 Datasheet HTML 74Page - ams-OSRAM AG AS3715 Datasheet HTML 75Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 159 page
background image
Page 70
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3715 − Detailed Description – System Functions
Figure 72:
Temperature Supervision Characteristics
Temperature Supervision Characteristic: Shows the key electrical parameter of the over-temperature
supervision.
Temperature Supervision SD4 (Sub Die)
A similar supervision is installed for the power stage controlled
by SD4. temp_sd4_alarm and temp_sd4_shutdown are
indicating a >110°C or >140°C temperature condition of the sub
die. For both events an interrupt can be triggered. With
mask_ovtemp=0 reaching 140°C is initiating a reset cycle. If
mask_ovtemp=1 only an interrupt is generated (if enabled)
Watchdog
Description
The purpose of the watchdog is to detect a deadlock of the
software. If the watchdog is active, it must receive a continuous
trigger signal within a programmable time window. If there is
no signal anymore for a certain time period from a defined pad
or special serial interface bit, it starts either a complete reset
cycle or initiates the power OFF sequence.
The watchdog is highly configurable by the following register
bits:
• The complete block can be switched ON by wtdg_on = 1
and OFF by wtdg_on = 0.
• The watchdog time window is defined by the register
wtdg_timer between 1s and 128s.
• The trigger signal can be either triggered by setting
wtdg_sw_sig or using a HW signal on one of the GPIO pins
(gpioX_iosf=9).
• If the watchdog expires, the system can start
automatically a reset cycle if wtdg_reset_on = 1 and
wtdg_pweroff = 0, or perform a power down if
wtdg_reset_on = 1 and wtdg_pweroff = 1.
• If wtdg_reset_on = 0 and wtdg_pweroff = 0 only an
interrupt is generated (if the interrupt is enabled)
• Whether the watchdog caused a reset can be seen in the
reset_reason.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
T110
ov_temp_110 rising threshold
95
110
125
ºC
T140
ov_temp_140 rising threshold
125
140
155
ºC
Thyst
ov_temp_110 and
ov_temp_140 hysteresis
5ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com