Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 49 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 49 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 45Page - ams-OSRAM AG AS3715 Datasheet HTML 46Page - ams-OSRAM AG AS3715 Datasheet HTML 47Page - ams-OSRAM AG AS3715 Datasheet HTML 48Page - ams-OSRAM AG AS3715 Datasheet HTML 49Page - ams-OSRAM AG AS3715 Datasheet HTML 50Page - ams-OSRAM AG AS3715 Datasheet HTML 51Page - ams-OSRAM AG AS3715 Datasheet HTML 52Page - ams-OSRAM AG AS3715 Datasheet HTML 53Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 159 page
background image
Page 48
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3715 − Detailed Description – Power Management Functions
Txlim_upper = Txmin + Tx_adj * 7mV
Also the hysteresis of the ON and OFF levels can be programmed
(4bits with 16 7mV steps).
Txlim_lower = Txlim_upper + (Tx_hyst + 3) * 7mV
Charger MIN/MAX Temp Supervision
The simpler supervision mode is supervising T1 (0°C) and
T4 (60°C)
Figure 48:
MIN/MAX Temp Supervision
MIN/MAX Temp Supervision Diagram: Shows the voltage and current settings for the MIN/MAX temperature
supervision.
(EQ3)
(EQ4)
T1upper
TEMPERATURE [°C]
CHARGE
CURRENT
CHARGE
VOLTAGE
Maximum Charge Current: 1C
Typical Charge Voltage: Veoc(typ)
3.5V <Veoc(typ) <4.44V
750mA < Icc_normal(typ) < 1500mA
60mA < Itrickle(typ) < 240mA
COLD
TYPICAL
HOT
Charger
is OFF
Charger
is OFF
350mA < Icc_low(typ) < 750mA
T1lower
T4upper
T4lower



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com