Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 92 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 92 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 88Page - ams-OSRAM AG AS3715 Datasheet HTML 89Page - ams-OSRAM AG AS3715 Datasheet HTML 90Page - ams-OSRAM AG AS3715 Datasheet HTML 91Page - ams-OSRAM AG AS3715 Datasheet HTML 92Page - ams-OSRAM AG AS3715 Datasheet HTML 93Page - ams-OSRAM AG AS3715 Datasheet HTML 94Page - ams-OSRAM AG AS3715 Datasheet HTML 95Page - ams-OSRAM AG AS3715 Datasheet HTML 96Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 159 page
background image
ams Datasheet
Page 91
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Register Description
Figure 95:
LDO8Voltage
Figure 96:
GPIO1control
Addr:0bh
LDO8Voltage
Bit
Bit Name
Default
Access
Bit Description
7
ldo8_ilimit
0
RW
Sets limit of LDO8
0 : 150mA operating range
1 : 300mA operating range
6:0
ldo8_vsel
b0000000
RW
The voltage select bits set the LDO output voltage
0.825V...3.3V, 25mV steps
00h : LDO OFF
01h-24h : V_LDO8=0.8V+ldo8_vsel*25mV
25h-3fh : do not use
40h-7eh : V_LDO8=1.725V+(ldo8_vsel-40h)*25mV
7fh : V_LDO8=VIN_LDO78 (ldo8_sw_on=1)
Addr:0ch
GPIO1control
Bit
Bit Name
Default
Access
Bit Description
7gpio1_invert
0
RW
Invert GPIO input/output
0 : Normal mode
1 : Invert input or output
6:3
gpio1_iosf
b0000
RW
Select the GPIO special function
0 : Normal I/O operation
1 : Interrupt output
2 : VSUP_low output
3 : GPIO interrupt input
4 : Current sink PWM input
5 : Vselect input, (apply on RegSelect1 and RegSelect2 and
RegSelect3, if GPIO2_iosf=5 then apply on RegSelect1
only)
6 : standby + Vselect + GPIO restart interrupt input
7 : pwr_good output
8 : 32 kHz output (derived from oscillator)
9 : Watchdog input
10 : Charger active output
11 : EOC output
12 : 100/841mA charger input
13 : 841mA/2.5A charger input
14 : PWM output
15 : Charging_enable input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com