Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 36 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 36 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 32Page - ams-OSRAM AG AS3715 Datasheet HTML 33Page - ams-OSRAM AG AS3715 Datasheet HTML 34Page - ams-OSRAM AG AS3715 Datasheet HTML 35Page - ams-OSRAM AG AS3715 Datasheet HTML 36Page - ams-OSRAM AG AS3715 Datasheet HTML 37Page - ams-OSRAM AG AS3715 Datasheet HTML 38Page - ams-OSRAM AG AS3715 Datasheet HTML 39Page - ams-OSRAM AG AS3715 Datasheet HTML 40Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 159 page
background image
ams Datasheet
Page 35
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Detailed Description – Power Management Functions
Figure 36:
SU Output Voltage or Protection Voltage
IFB (stepup2_v)
VSU
VSU
µA
R1 = 1MΩ,
R2 not used
R1 = 500kΩ,
R2 = 64kΩ
0-
11
1-
11.5
2-
12
3-
12.5
4-
13
56.25
13.5
67.25
14
78.25
14.5
89.25
15
9
10.25
15.5
10
11.25
16
11
12.25
16.5
12
13.25
17
13
14.25
17.5
14
15.25
18
15
16.25
18.5
16
17.25
19
17
18.25
19.5
18
19.25
20
19
20.25
20.5
20
21.25
21
21
22.25
21.5
……
…
30
31.25
26
31
32.25
26.5
SU Output Voltage or Protection
Voltage: Shows examples of possible
output or protection voltages of the DCDC
SU depending on external resistors and
FB_SU current settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com