Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 83 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 83 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 79Page - ams-OSRAM AG AS3715 Datasheet HTML 80Page - ams-OSRAM AG AS3715 Datasheet HTML 81Page - ams-OSRAM AG AS3715 Datasheet HTML 82Page - ams-OSRAM AG AS3715 Datasheet HTML 83Page - ams-OSRAM AG AS3715 Datasheet HTML 84Page - ams-OSRAM AG AS3715 Datasheet HTML 85Page - ams-OSRAM AG AS3715 Datasheet HTML 86Page - ams-OSRAM AG AS3715 Datasheet HTML 87Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 159 page
background image
Page 82
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3 715 − Register Description
77h
InterruptStatus1
LowBat_int_i
ovtmp_int_i
onkey_int_i
chdet_int_i
eoc_int_i
resume_int_i
nobat_int_i
trickle_int_i
78h
InterruptStatus2
ebat_int_i
temp_sd4_shutdown_
int_i
temp_sd4_alarm_
int_i
bat_temp_i
sd4_lv_int_i
sd3_lv_int_i
sd2_lv_int_i
sd1_lv_int_i
79h
InterruptStatus3
chdet2_int_i
en4_int_i
en3_int_i
en2_int_i
en1_int_i
gpio_restart_
int_i
gpio_int_i
-
7fh
ChargerControl0
-
usb12_
feedthrough
usb2_current<3:0>
80h
ChargerControl1
cc_eoc_hcurr
Auto_Resume
bat_charging_
enable
usb_current<4:1>
usb_chgEn
81h
ChargerVoltageCont
rol
vsup_min<7:6>
ChVoltEOC<5:0>
82h
ChargerCurrentCont
rol
eoc_current
cc_lowlimit
ConstantCurrent<5:2>
TrickleCurrent<1:0>
83h
Chargerconfig
usb_combined
usb2_on
ChVoltResume
temp_sel<4:3>
vsup_voltage<2:0>
84h
Chargerconfig2
-
ebat_enable
jeita_on
zero_temp_on
ntc_10k
ntc_on
85h
Chargersupervision
Charging_1Hz_clk
ovprot_dis
dcdc_chmode
charging_tmax
ch_timeout<3:0>
86h
ChargerStatus1
Nobat
Battemp_hi
EOC
CVM
Trickle
Resume
CCM
ChDet
87h
ChargerStatus2
usb_prt_ready_
deb
temp_cond<6:4>
batsw2_on
batsw2_mode
batsw_on
batsw_
mode
88h
T1_adjust
-
T1_adj<5:0>
89h
T2_adjust
-
T2_adj<4:0>
8ah
T3_adjust
-
T3_adj<4:0>
8bh
T4_adjust
-
T4_adj<5:0>
8ch
T2_T1_hyst
T2_hyst<7:4>
T1_hyst<3:0>
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com