Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 48 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 48 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 44Page - ams-OSRAM AG AS3715 Datasheet HTML 45Page - ams-OSRAM AG AS3715 Datasheet HTML 46Page - ams-OSRAM AG AS3715 Datasheet HTML 47Page - ams-OSRAM AG AS3715 Datasheet HTML 48Page - ams-OSRAM AG AS3715 Datasheet HTML 49Page - ams-OSRAM AG AS3715 Datasheet HTML 50Page - ams-OSRAM AG AS3715 Datasheet HTML 51Page - ams-OSRAM AG AS3715 Datasheet HTML 52Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 159 page
background image
ams Datasheet
Page 47
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Detailed Description – Power Management Functions
Figure 46:
NTC ß Influence
NTC ß Influence Diagram: Shows the voltage drop on the NTC over temperature for different ß using
RNTC=10kΩ, Rp=15kΩ and INTC=150uA.
The chip is supporting up to 4 temperature levels for
supervision.
Figure 47:
NTC Supervision
NTC Supervision: Example threshold voltages for different temperatures and ß using RNTC=10kΩ, Rp=15kΩ and
INTC=150uA.
The base values (T1min, T2min, T3min and T4min) for the
comparator levels are marked in the table above. To adjust the
comparator levels to the needed temperature levels dedicated
adjust bits can be set (32-64 7mV steps).
ß
2750
3250
3750
4250
4750
K
T1
e.g.: 0 C
1,37
1,45
1,53
1,60
1,67
V
T2
e.g.: 10 C
1,17
1,22
1,27
1,32
1,37
V
T3
e.g.: 45 C
0,61
0,57
0,52
0,48
0,44
V
T4
e.g.: 60 C
0,45
0,39
0,34
0,29
0,25
V
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
0
1020
304050
60
Temp [°C]
2750
3250
3750
4250
4750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com