Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 67 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 67 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 63Page - ams-OSRAM AG AS3715 Datasheet HTML 64Page - ams-OSRAM AG AS3715 Datasheet HTML 65Page - ams-OSRAM AG AS3715 Datasheet HTML 66Page - ams-OSRAM AG AS3715 Datasheet HTML 67Page - ams-OSRAM AG AS3715 Datasheet HTML 68Page - ams-OSRAM AG AS3715 Datasheet HTML 69Page - ams-OSRAM AG AS3715 Datasheet HTML 70Page - ams-OSRAM AG AS3715 Datasheet HTML 71Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 159 page
background image
Page 66
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3715 − Detailed Description – System Functions
Figure 69:
GPIO Block Diagram
GPIO Block Diagram: Shows the internal structure of the IO pads.
IO Functions
Normal IO Operation
If set to input, the logic level of the signal present at the GPIOx
pin can be read from gpioX_in. If the output mode is chosen,
gpioX_out specifies the logic level of the GPIOx pin.
This mode is also used for the ON/OFF control of the DCDC and
LDOs. The selection which regulator is controlled by which
GPIO, is done with the gpio_ctrl_sdX or gpio_ctrl_ldoX bits. The
gpioX_mode should be set to input.
Interrupt Output
GPIOx pin logic state is derived from the interrupt signal INT.
Whenever an interrupt is present, the GPIOx pin is pulled high.
The gpioX_mode should be set to output.
VSUP_low Output
GPIOx pin will go high if VSUP falls below ResVoltFall and
SupResEn = 0. The gpioX_mode should be set to output.
GPIO Interrupt Input
A falling or rising edge will set the gpio_int bit. The gpioX_mode
should be set to input.

JSLR;BRXW 
9683B9%$7BORZ RXWSXW 
SZUBJRRG RXWSXW 
4N RXWSXW 
LQWHUUXSW RXWSXW 
FKDUJHU DFWLY H RXWSXW 
(2& RXWSXW 
3: 0 RXWSXW 
JSLR;BLQ 
FXUUHQW V LQN 3:0 LQSXW 
YV HOHFW LQSXW 
VWDQGE\  YV HOHFW LQSXW 
*3,2 ,QWHUU XSW LQSXW 
P$ FKDUJHU LQSXW 
P$$ FKDUJHU LQSXW 
FKDUJHU HQDEOH LQSXW 
JSLR;BLQYHUW
JSLR;BLRVI
*3,2
JSLR;BLRVI
*3,2
JSLR;BPRGH   RU 
JSLR;BPRGH 
JSLR;BPRGH     RU 
JSLR;BPRGH  RU 
JSLR;BPRGH  RU 
NŸ
NŸ
9683B*3,2
*3,2[
$'& LQSXW *3,2 
 RQO\
ZDWFKGRJ LQSXW 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com