Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 52 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 52 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 48Page - ams-OSRAM AG AS3715 Datasheet HTML 49Page - ams-OSRAM AG AS3715 Datasheet HTML 50Page - ams-OSRAM AG AS3715 Datasheet HTML 51Page - ams-OSRAM AG AS3715 Datasheet HTML 52Page - ams-OSRAM AG AS3715 Datasheet HTML 53Page - ams-OSRAM AG AS3715 Datasheet HTML 54Page - ams-OSRAM AG AS3715 Datasheet HTML 55Page - ams-OSRAM AG AS3715 Datasheet HTML 56Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 159 page
background image
ams Datasheet
Page 51
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Detailed Description – Power Management Functions
Dual Power Path
Two charger inputs can be used to hook up two different
charger supplies. CHGIN1 has an optional protection function
with an external NMOS using VUSB1 as sensing input.
Figure 51:
Dual Power Path Diagram
Dual Power Path Diagram: Shows the internal structure of the dual power path input.
CHGIN 1
CHGIN 2
VSUP_CHG
CURRLIM 1
XOFF
VUSB1
External OVP
optional
CURRLIM 2
VUSB2
LDO
MAX(CHGIN1,CHGIN 2,VSUP_CHG )
VBAT
VUSB2
CHDET_USB2
VBAT
VUSB1
CHDET_USB1
+
-
+
-
3.95V
+
-
+
-
VBAT
3. 95V
MAX(CHGIN1,CHGIN 2,VSUP_CHG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com