Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 88 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 88 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 84Page - ams-OSRAM AG AS3715 Datasheet HTML 85Page - ams-OSRAM AG AS3715 Datasheet HTML 86Page - ams-OSRAM AG AS3715 Datasheet HTML 87Page - ams-OSRAM AG AS3715 Datasheet HTML 88Page - ams-OSRAM AG AS3715 Datasheet HTML 89Page - ams-OSRAM AG AS3715 Datasheet HTML 90Page - ams-OSRAM AG AS3715 Datasheet HTML 91Page - ams-OSRAM AG AS3715 Datasheet HTML 92Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 159 page
background image
ams Datasheet
Page 87
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Register Description
Figure 86:
SD3Voltage
Figure 87:
SD4Voltage
Addr:02h
SD3Voltage
Bit
Bit Name
Default
Access
Bit Description
7
sd3_frequ
0
RW
Selects between high and low frequency
dependent on sd3_fsel
0 : 2MHz if sd3_fsel=0, 3MHz if sd3_fsel=1
1 : 3MHz if sd3_fsel=0, 4MHz if sd3_fsel=1
6:0
sd3_vsel
b0000000
RW
The voltage select bits set the DC/DC output voltage
level and power the DC/DC converter down.
00h : DC/DC powered down
01h-40h : V_SD3=0.6V+sd3_vsel*12.5mV
41h-70h : V_SD3=1.4V+(sd3_vsel-40h)*25mV
71h-7Fh : V_SD3=2.6V+(sd3_vsel-70h)*50mV
Addr:03h
SD4Voltage
Bit
Bit Name
Default
Access
Bit Description
7
sd4_low_p
ower
0RW
Controls low power mode for sd4
0 : Normal mode
1 : Low power mode. Reduced current capability only 1
phase enabled and reduced output current on that phase
6:0
sd4_vsel
b0000000
RW
The voltage select bits set the DC/DC output voltage
level and power the DC/DC converter down. (0.6..1.5V)
00h : DC/DC powered down
01h-5Ah : V_SD4=0.6V+sd4_vsel*10mV
5Ah-7Fh : NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com