Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 19 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 19 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 15Page - ams-OSRAM AG AS3715 Datasheet HTML 16Page - ams-OSRAM AG AS3715 Datasheet HTML 17Page - ams-OSRAM AG AS3715 Datasheet HTML 18Page - ams-OSRAM AG AS3715 Datasheet HTML 19Page - ams-OSRAM AG AS3715 Datasheet HTML 20Page - ams-OSRAM AG AS3715 Datasheet HTML 21Page - ams-OSRAM AG AS3715 Datasheet HTML 22Page - ams-OSRAM AG AS3715 Datasheet HTML 23Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 159 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3715 − Detailed Description – Power Management Functions
DC/DC Buck Converter Parameter: Shows the key electrical parameter of the internal DC/DC buck converters.
Figure 14:
DC/DC Buck Converter External Components
DC/DC Buck Converter External Components: Shows the external component parameter of the internal DC/DC
buck converters.
SD1, VSUP_SDx=3.0V
120
200
mΩ
RNSW
N-Switch ON resistance
incl. bonds, substrate, etc
SD2, SD3; VSUP_SDx=3.0V
160
500
mΩ
SD1; VSUP_SDx=3.0V
63
200
mΩ
fSW
Switching frequency
sdX_frequ=1; sdX_fsel=1;
fclk_int =4MHz
4MHz
sdX_frequ=0; sdX_fsel=1;
fclk_int =4MHz
3MHz
sdX_frequ=0; sdX_fsel=0;
fclk_int =4MHz (SD2/3 only)
2MHz
ηeff
Efficiency
see figures below
%
IVDD
Current consumption
Operating current without
load
60
μA
RDISCHG
Pull-down resistance
SD1 disabled
100
Ω
SD2 or SD3 disabled
200
Ω
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
COUT_SD2;3
Output capacitor
Ceramic X5R or X7R
8
μF
Output capacitor, sd2_fast=1 or
sd3_fast=1
Ceramic X5R or X7R
18
μF
COUT_SD1
Output capacitor
Ceramic X5R or X7R
12
μF
Output capacitor, sd1_fast=1
Ceramic X5R or X7R
27
μF
CVSUP_SD1;2;3
Input capacitor
Ceramic X5R or X7R
2.2
μF
LSD1-SD3
Inductor
4/3MHz operation
0.5
1
μH
4/3MHz; VOUT≤1.8V
0.3
0.47
μH
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com